Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC80AIPW Datasheet(PDF) 16 Page - Texas Instruments

Part # AMC80AIPW
Description  AMC80 System Hardware Monitor with Two-Wire and SMBus Serial Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC80AIPW Datasheet(HTML) 16 Page - Texas Instruments

Back Button AMC80AIPW Datasheet HTML 12Page - Texas Instruments AMC80AIPW Datasheet HTML 13Page - Texas Instruments AMC80AIPW Datasheet HTML 14Page - Texas Instruments AMC80AIPW Datasheet HTML 15Page - Texas Instruments AMC80AIPW Datasheet HTML 16Page - Texas Instruments AMC80AIPW Datasheet HTML 17Page - Texas Instruments AMC80AIPW Datasheet HTML 18Page - Texas Instruments AMC80AIPW Datasheet HTML 19Page - Texas Instruments AMC80AIPW Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
AMC80
SBOS559B – MAY 2011 – REVISED OCTOBER 2015
www.ti.com
7.5 Register Map
7.5.1 Configuration Register
Table 3. Configuration Register (Address = 00h, Default = 08h)
BIT
NAME
TYPE
DESCRIPTION
0
Start
R/W
'1' enables startup of monitoring activity; '0' puts device in shutdown mode.
1
INT Enable
R/W
'1' enables the INT output.
2
INT Polarity Select
R/W
'1' selects active-high, open-source output; '0' selects active-low, open-drain output.
'1' disables the INT output without affecting the contents of the Interrupt Status Registers.
3
INT_Clear
R/W
The device stops monitoring and resumes on a '0'.
'1' outputs an active-low reset signal at RST_OUT, if bit 7 and bit 6 in the Fan Divisor/
4
RESET
R/W
Register (address 05h) are set to '1' and '0', respectively. This bit is cleared when the pulse
becomes inactive.
5
Chassis Clear
R/W
'1' clears the GPI/CI pin. This bit clears itself after 10ms.
6
GPO
R/W
'1' drives the GPO pin low.
7
INITIALIZATION
R/W
'1' restores power-on-default values to the registers. This bit is self-clearing
7.5.2 Interrupt Status Registers
Table 4. Interrupt Status Register 1 (Address = 01h, Default = xxh; see Table 2)
BIT
NAME
TYPE
DESCRIPTION
0
CH0
Read
'1' indicates a high or low limit has been exceeded.
1
CH1
Read
'1' indicates a high or low limit has been exceeded.
2
CH2
Read
'1' indicates a high or low limit has been exceeded.
3
CH3
Read
'1' indicates a high or low limit has been exceeded.
4
CH4
Read
'1' indicates a high or low limit has been exceeded.
5
CH5
Read
'1' indicates a high or low limit has been exceeded.
6
CH6
Read
'1' indicates a high or low limit has been exceeded.
7
INT_IN
Read
'1' indicates that a low signal has been detected on the INT_IN pin.
Table 5. Interrupt Status Register 2 (Address = 02h, Default = xxh; see Table 2)
BIT
NAME
TYPE
DESCRIPTION
'1' indicates a high or low limit has been exceeded. One-Time Interrupt and Default Interrupt
0
Hot Temperature
Read
modes are supported and can be set by bit 6 of Interrupt Mask Register 2 (address 04h).
1
BTI
Read
'1' indicates that an interrupt has occurred from the BTI input pin.
2
FAN 1
Read
'1' indicates that a fan count limit has been exceeded.
3
FAN 2
Read
'1' indicates that a fan count limit has been exceeded.
4
GPI/CI
Read
'1' indidates that GPI/CI has gone high.
'1' indicates a high or low temperature limit has been exceeded. One-Time Interrupt and
5
OS
Read
Default Interrupt modes are supported and can be set by bit 7 of Interrupt Mask Register 2
(address 04h).
6
Reserved
Read
This bit is reserved.
7
Reserved
Read
This bit is reserved.
16
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: AMC80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com