Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC80AIPW Datasheet(PDF) 11 Page - Texas Instruments

Part # AMC80AIPW
Description  AMC80 System Hardware Monitor with Two-Wire and SMBus Serial Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC80AIPW Datasheet(HTML) 11 Page - Texas Instruments

Back Button AMC80AIPW Datasheet HTML 7Page - Texas Instruments AMC80AIPW Datasheet HTML 8Page - Texas Instruments AMC80AIPW Datasheet HTML 9Page - Texas Instruments AMC80AIPW Datasheet HTML 10Page - Texas Instruments AMC80AIPW Datasheet HTML 11Page - Texas Instruments AMC80AIPW Datasheet HTML 12Page - Texas Instruments AMC80AIPW Datasheet HTML 13Page - Texas Instruments AMC80AIPW Datasheet HTML 14Page - Texas Instruments AMC80AIPW Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
AMC80
www.ti.com
SBOS559B – MAY 2011 – REVISED OCTOBER 2015
Feature Description (continued)
both hardware interrupt outputs.
•
Fan Divisor/RST_OUT/OS Register: Bits 0 to 5 of this register contain the divisor bits for the FAN1 and
FAN2 inputs. Bits 6 and 7 control the function of the RST_OUT/OS output.
•
OS Configuration/Temperature Resolution Register: The configuration of the overtemperature shutdown
(OS) is controlled by the lower three bits of this register. Bit 3 enables 12-bit temperature conversions. In 12-
bit mode, bits 4 to 7 represent the four LSBs of the temperature measurement. In 9-bit mode, bit 4 represents
the LSB of the temperature measurement.
•
Conversion Rate Register: Sets the time interval of the continuous monitoring cycle to either fixed or
programmable (see the Conversion Rate Count Register for setting the programmable time interval).
•
Voltage/Temperature Channel Disable Register: Allows voltage inputs and the local temperature
conversion to be disabled.
•
Input Mode Register: Allows voltage inputs to be configured as single-ended or as a differential pair with
normal or reverse polarity.
•
ADC Control Register: Bits 0 to 2 set the programmable conversion rate for the 10-bit ADC. Bits 3 to 5 allow
for programmable input full-scale voltage.
•
Conversion Rate Count Register: Selects the adjustable time interval when the conversion rate of the
continuous monitoring cycle is set to programmable.
•
Value RAM: The monitoring results (for temperature, voltages, fan counts, and Fan Divisor/RST_OUT/OS
Register limits) are all contained in the Value RAM. The Value RAM consists of 32 bytes. The first 10 bytes
are all of the results, the next 20 bytes are the interrupt alarm limits, and the last two bytes are at the upper
locations for manufacturer ID and die revision ID.
The AMC80 SMBus is compatible with both fast mode (400 kHz) and high-speed mode (3.4 MHz) two-wire
interface modes of operation. The AMC80 supports a timeout reset function on SDA and SCL that prevents two-
wire bus lockup, and includes an analog filter on the two-wire digital control lines that improves noise immunity.
Three address pins (A0 to A2), allow up to eight devices on a single bus. When enabled, the AMC80 starts by
cycling through each measurement in sequence, and continuously loops through the sequence based on the
Conversion Rate Register (address 07h) setting. Each measured value is compared to values stored in the Value
RAM Registers (addresses 2Ah to 3Dh). When the measured value exceeds the programmed limit, the AMC80
sets a corresponding interrupt in the Interrupt Status Registers (addresses 01h and 02h). Two output interrupt
lines (INT and RST_OUT/OS) are available. INT is fully programmable with the ability to mask each interrupt
source and each output. The Fan Divisor/RST_OUT/OS Register (address 05h) has control bits that enable or
disable the hardware interrupts. Additional digital inputs are provided for daisy-chaining the interrupt output pin,
INT. This configuration is achieved by connecting multiple external temperature sensors (for example, the
TMP75) to the board temperature interrupt (BTI) input and/or the GPI/CI input. The chassis intrusion (CI) input is
designed to accept an active high signal from an external circuit that latches (for example, when the chassis from
a server rack is removed).
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: AMC80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com