Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC80AIPW Datasheet(PDF) 20 Page - Texas Instruments

Part # AMC80AIPW
Description  AMC80 System Hardware Monitor with Two-Wire and SMBus Serial Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC80AIPW Datasheet(HTML) 20 Page - Texas Instruments

Back Button AMC80AIPW Datasheet HTML 16Page - Texas Instruments AMC80AIPW Datasheet HTML 17Page - Texas Instruments AMC80AIPW Datasheet HTML 18Page - Texas Instruments AMC80AIPW Datasheet HTML 19Page - Texas Instruments AMC80AIPW Datasheet HTML 20Page - Texas Instruments AMC80AIPW Datasheet HTML 21Page - Texas Instruments AMC80AIPW Datasheet HTML 22Page - Texas Instruments AMC80AIPW Datasheet HTML 23Page - Texas Instruments AMC80AIPW Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
AMC80
SBOS559B – MAY 2011 – REVISED OCTOBER 2015
www.ti.com
7.5.10 Conversion Rate Count Register
Table 14. Conversion Rate Count Register (Address = 0Bh, Default = 40h)
BIT
NAME
TYPE
DESCRIPTION
0
CRC7
R/W
1
CRC6
R/W
When bit 0 of the Conversion Rate Register (address 07h) is set to '0', the monitoring
conversion delay can be programmed as follows:
2
CRC5
R/W
0000000 = 0
3
CRC4
R/W
0000001 = 1
0000010 = 2
4
CRC3
R/W
… … …
5
CRC2
R/W
1111111 = 255
When bit 0 of the Conversion Rate Register is set to '1', these bits are ignored.
6
CRC1
R/W
7
CRC0
R/W
7.5.11 Value Ram Register
Table 15. Value RAM Register (Addresses = 20h to 3Fh)
ADDRESS (HEX)
DESCRIPTION
20
CH0 reading (10-bit)
21
CH1 reading (10-bit)
22
CH2 reading (10-bit)
23
CH3 reading (10-bit)
24
CH4 reading (10-bit)
25
CH5 reading (10-bit)
26
CH6 reading (10-bit)
27
Temperature reading (9-bit or 12-bit for easy readback)
28
FAN1 reading
29
FAN2 reading
2A
CH0 high limit
2B
CH0 low limit
2C
CH1 high limit
2D
CH1 low limit
2E
CH2 high limit
2F
CH2 low limit
30
CH3 high limit
31
CH3 low limit
32
CH4 high limit
33
CH4 low limit
34
CH5 high limit
35
CH5 low limit
36
CH6 high limit
37
CH6 low limit
38
Hot temperature high limit (THOT)
39
Hot temperature hysteresis low limit (THOT_HYST)
3A
OS temperature high limit (TOS)
3B
OS temperature hysteresis low limit (TOS_HYST)
3C
FAN1 fan count limit
3D
FAN2 fan count limit
3E
Manufacturer ID (always defaults to 80h)
3F
Die revision ID (always defaults to 08h)
20
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: AMC80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com