Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC80AIPW Datasheet(PDF) 14 Page - Texas Instruments

Part # AMC80AIPW
Description  AMC80 System Hardware Monitor with Two-Wire and SMBus Serial Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC80AIPW Datasheet(HTML) 14 Page - Texas Instruments

Back Button AMC80AIPW Datasheet HTML 10Page - Texas Instruments AMC80AIPW Datasheet HTML 11Page - Texas Instruments AMC80AIPW Datasheet HTML 12Page - Texas Instruments AMC80AIPW Datasheet HTML 13Page - Texas Instruments AMC80AIPW Datasheet HTML 14Page - Texas Instruments AMC80AIPW Datasheet HTML 15Page - Texas Instruments AMC80AIPW Datasheet HTML 16Page - Texas Instruments AMC80AIPW Datasheet HTML 17Page - Texas Instruments AMC80AIPW Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
AMC80
SBOS559B – MAY 2011 – REVISED OCTOBER 2015
www.ti.com
7.4 Programming
7.4.1 Interface and Control
The SMBus control lines in the AMC80 include SDA, SCL, and the A0 to A2 address pins, which allow up to
eight AMC80 devices to be on the same bus. The AMC80 can only operate as a slave device. The SCL line
controls only the serial interface; all other clock-related functions within the AMC80 (such as the ADC and fan
counters) operate with a separate asynchronous internal clock. The default power-on SMBus address for the
AMC80 is '0101'(A2)(A1)(A0) binary, where (A2)(A1)(A0) is the SMBus address.
When using the SMBus interface, a write command always consists of the AMC80 SMBus interface address
byte, followed by the internal address register byte, and then the data byte (see Figure 8).
See Figure 9 for the read operation timing. There are two cases for a read operation:
1. If the contents of the Internal Address Register are known, simply read the AMC80 with the SMBus interface
address byte, followed by the data byte read from the ADC80.
2. If the internal Address Register contents are unknown, write to the AMC80 with the SMBus interface address
byte, followed by the internal address register bye. Then restart the serial communication with a read that
consist of the SMBus interface address byte, followed by the data byte read from the AMC80.
Table 2. Register Overview
INTERNAL
POWER-ON
ADDRESS
VALUE
REGISTER
(HEX)
(HEX)
NOTES
Configuration Register
00
08
Interrupt Status Register 1
01
xx
Indeterminate
Interrupt Status Register 2
02
xx
Indeterminate
Interrupt Mask Register 1
03
00
Interrupt Mask Register 2
04
00
Fan Divisor/RST_OUT/OS Register
05
14
FAN1 and FAN2 divisor = 2 (count of 153 = 4400 RPM)
OS Configuration/Temperature Resolution
06
x1
Four MSBs are indeterminate
Register
Conversion Rate Register
07
40
Voltage/Temperature Channel Disable
08
00
Allows voltage monitoring inputs to be disabled
Register
Input Mode Register
09
00
ADC Control Register
0A
02
Conversion Rate Count Register
0B
40
Value RAM Register
20 to 29
xx
Indeterminate
Value RAM Register
2A to 3D
xx
Indeterminate
Value RAM Register
3E
80
Value RAM Register
3F
09
14
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: AMC80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com