Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC80AIPW Datasheet(PDF) 1 Page - Texas Instruments

Part # AMC80AIPW
Description  AMC80 System Hardware Monitor with Two-Wire and SMBus Serial Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC80AIPW Datasheet(HTML) 1 Page - Texas Instruments

  AMC80AIPW Datasheet HTML 1Page - Texas Instruments AMC80AIPW Datasheet HTML 2Page - Texas Instruments AMC80AIPW Datasheet HTML 3Page - Texas Instruments AMC80AIPW Datasheet HTML 4Page - Texas Instruments AMC80AIPW Datasheet HTML 5Page - Texas Instruments AMC80AIPW Datasheet HTML 6Page - Texas Instruments AMC80AIPW Datasheet HTML 7Page - Texas Instruments AMC80AIPW Datasheet HTML 8Page - Texas Instruments AMC80AIPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
Temperature
Sensor
Limit
Registers
and
Alarm
Comparators
Interrupt
Masking
and
Interrupt
Control
InterfaceandControl
AMC80
CH0
CH6
Analog
Inputs
TMP75
Temperature
Sensor
Chassis
Intrusion
Detector
GPI(CI)
INT_IN
BTI
A0/NTEST_OUT
SDA
SCL
A1
A2
CH1
CH2
CH3
CH4
CH5
GPO
INT
RST_OUTOS
/
Interrupt
Outputs
Serial
Bus
Interface
10-Bit
Delta-Sigma
ADC
V+
Positive
Voltage
Negative
Voltage
FanSpeed
Counter
FAN1
FAN2
NTEST_INRESET_IN
/
Digital
Inputs
and
Outputs
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
AMC80
SBOS559B – MAY 2011 – REVISED OCTOBER 2015
AMC80 System Hardware Monitor with Two-Wire and SMBus Serial Interface
1 Features
3 Description
The AMC80 is a system hardware monitoring and
1
•
10-Bit ADC With Seven Analog Inputs
control circuit that includes a seven-channel, 10-bit
•
Fan-Speed Monitoring Inputs
analog-to-digital converter (ADC), two programmable
•
Input Range/Resolution:
fan-speed monitors, and a two-wire interface. The
AMC80 also includes programmable upper over-limit
–
Default: 2.56 V/2.5 mV
and lower under-limit alarms that activate when the
–
Programmable: VDD/6 mV
programmed limits are exceeded.
•
Chassis Intrusion Detection Input
The AMC80 can interface with both linear and digital
•
Interrupt Alarms:
temperature sensors. The 2.5-mV least significant bit
–
Upper Over-Limit
(LSB) and 2.56-V input range can accept inputs from
a linear sensor such as the TMP20. The BTI pin is
–
Lower Under-Limit
used as an input from a digital sensor such as the
•
Interrupt Status Register Input for External
TMP75. The AMC80 operates from a 3-V to 5.5-V
Temperature Sensors
supply voltage, has low supply current, and can be
•
Shutdown Mode
configured using a two-wire interface, thus making it
ideal for a wide range of applications.
•
Programmable RST_OUT/OS
•
Pin Compatible with LM96080 and LM80
The AMC80 is available in a 24-lead TSSOP package
and is fully specified over the –40°C to +125°C
•
Package: 24-Pin TSSOP
temperature range.
2 Applications
Device Information(1)
•
Communications Equipment
PART NUMBER
PACKAGE
BODY SIZE (NOM)
•
Servers
AMC80
TSSOP (24)
7.80 mm × 4.40 mm
•
Industrial and Medical Equipment
(1) For all available packages, see the package option addendum
at the end of the data sheet.
•
Storage Area Networks
•
Set-Top Boxes
•
Test and Measurement Equipment
Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - AMC80AIPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC80AIPW TI1-AMC80AIPW Datasheet
281Kb / 23P
System Hardware Monitor with Two-Wire/SMBus Serial Interface
AMC80AIPWR TI1-AMC80AIPWR Datasheet
281Kb / 23P
System Hardware Monitor with Two-Wire/SMBus Serial Interface
More results

Similar Description - AMC80AIPW

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM80 NSC-LM80 Datasheet
435Kb / 29P
Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
LM87 NSC-LM87 Datasheet
470Kb / 32P
Serial Interface System Hardware Monitor with Remote Diode Temperature Sensing
logo
Global Mixed-mode Techn...
G771 GMT-G771 Datasheet
268Kb / 15P
Two Remote Temperature Sensors with SMBus Serial Interface and System Reset Circuit
logo
National Semiconductor ...
LM80 NSC-LM80_01 Datasheet
440Kb / 29P
Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
LM81 NSC-LM81_02 Datasheet
419Kb / 33P
Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
LM96080 NSC-LM96080 Datasheet
623Kb / 30P
System Hardware Monitor with 2-Wire Serial Interface
logo
Silicon Standard Corp.
SS8017 SSC-SS8017 Datasheet
497Kb / 16P
Two Remote Temperature Sensors with SMBus Serial Interface and System Reset
logo
Texas Instruments
AMC80 TI1-AMC80 Datasheet
281Kb / 23P
System Hardware Monitor with Two-Wire/SMBus Serial Interface
LM96080CIMT TI1-LM96080CIMT Datasheet
995Kb / 34P
LM96080 System Hardware Monitor with 2-Wire Serial Interface
logo
ON Semiconductor
NCT80 ONSEMI-NCT80 Datasheet
274Kb / 28P
Hardware Monitor with I2C Serial Interface
July, 2012 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com