Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2030AV. Datasheet(PDF) 17 Page - STMicroelectronics

Part # TDA2030AV.
Description  18 W hi-fi amplifier and 35 W driver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2030AV. Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TDA2030AV. Datasheet HTML 13Page - STMicroelectronics TDA2030AV. Datasheet HTML 14Page - STMicroelectronics TDA2030AV. Datasheet HTML 15Page - STMicroelectronics TDA2030AV. Datasheet HTML 16Page - STMicroelectronics TDA2030AV. Datasheet HTML 17Page - STMicroelectronics TDA2030AV. Datasheet HTML 18Page - STMicroelectronics TDA2030AV. Datasheet HTML 19Page - STMicroelectronics TDA2030AV. Datasheet HTML 20Page - STMicroelectronics TDA2030AV. Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
TDA2030A
Power supply
Doc ID 1459 Rev 2
17/23
5
Power supply
Using a monolithic audio amplifier with non-regulated supply voltage, it is important to
design the power supply correctly. For any operation it must provide a supply voltage less
than the maximum value fixed by the IC breakdown voltage.
It is essential to take into account all the operating conditions, in particular mains
fluctuations and supply voltage variations with and without load. The TDA2030A
(VS max = 44 V) is particularly suitable for substitution of the standard IC power amplifiers
(with VS max = 36 V) for more reliable applications. An example, using a simple full-wave
rectifier followed by a capacitor filter, is shown in Table 6 and in the diagram of Figure 30.
Figure 30.
DC characteristics of 50 W non-regulated supply
Table 6.
DC characteristics of 50 W non-regulated supply
A regulated supply is not usually used for the power output stages because its dimensioning
must be done taking into account the power to supply in the signal peaks. They are only a
small percentage of the total music signal, with consequently large overdimensioning of the
circuit.
Mains
(220 V)
Secondary
voltage
DC output voltage (Vo)
Io = 0
Io = 0.1 A
Io = 1 A
+ 20%
28.8 V
43.2 V
42 V
37.5 V
+ 15%
27.6 V
41.4 V
40.3 V
35.8 V
+ 10%
26.4 V
39.6 V
38.5 V
34.2 V
–
24 V
36.2 V
35 V
31 V
– 10%
21.6 V
32.4 V
31.5 V
27.8 V
– 15%
20.4 V
30.6 V
29.8 V
26 V
– 20%
19.2 V
28.8 V
28 V
24.3 V
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com