Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2030AV. Datasheet(PDF) 19 Page - STMicroelectronics

Part # TDA2030AV.
Description  18 W hi-fi amplifier and 35 W driver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2030AV. Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TDA2030AV. Datasheet HTML 15Page - STMicroelectronics TDA2030AV. Datasheet HTML 16Page - STMicroelectronics TDA2030AV. Datasheet HTML 17Page - STMicroelectronics TDA2030AV. Datasheet HTML 18Page - STMicroelectronics TDA2030AV. Datasheet HTML 19Page - STMicroelectronics TDA2030AV. Datasheet HTML 20Page - STMicroelectronics TDA2030AV. Datasheet HTML 21Page - STMicroelectronics TDA2030AV. Datasheet HTML 22Page - STMicroelectronics TDA2030AV. Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
TDA2030A
Application recommendation
Doc ID 1459 Rev 2
19/23
6
Application recommendation
The recommended values of the components are those shown in the application circuit of
Figure 17. Different values can be used, please refer to the guidelines in Table 7.
Table 7.
Recommended values of components for a typical amplifier
Comp.
Recom.
value
Purpose
Larger than
recommended value
Smaller than
recommended value
R1
22 k
Ω
Closed loop gain setting
Increase of gain
Decrease of gain
R2
680
Ω
Closed loop gain setting
Decrease of gain(1)
1.
The value of closed loop gain must be higher than 24 dB.
Increase of gain
R3
22 k
Ω
Non inverting input
biasing
Increase of input impedance
Decrease of input
impedance
R4
1
Ω
Frequency stability
Danger of oscillation at high
frequencies with inductive loads
R5
≅ 3 R2
Upper frequency cutoff
Poor high-frequency attenuation
Danger of oscillation
C1
1
μF
Input DC decoupling
Increase of low-frequency
cutoff
C2
22
μF
Inverting DC decoupling
Increase of low-frequency
cutoff
C3, C4
0.1
μF
Supply voltage bypass
Danger of oscillation
C5, C6
100
μF
Supply voltage bypass
Danger of oscillation
C7
0.22
μF Frequency stability
Larger bandwidth
C8
Upper frequency cutoff
Smaller bandwidth
Larger bandwidth
D1, D2
1N4001
To protect the device against output voltage spikes
1
2
πBR1
-------------------
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com