Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2030AV. Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA2030AV.
Description  18 W hi-fi amplifier and 35 W driver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2030AV. Datasheet(HTML) 3 Page - STMicroelectronics

  TDA2030AV. Datasheet HTML 1Page - STMicroelectronics TDA2030AV. Datasheet HTML 2Page - STMicroelectronics TDA2030AV. Datasheet HTML 3Page - STMicroelectronics TDA2030AV. Datasheet HTML 4Page - STMicroelectronics TDA2030AV. Datasheet HTML 5Page - STMicroelectronics TDA2030AV. Datasheet HTML 6Page - STMicroelectronics TDA2030AV. Datasheet HTML 7Page - STMicroelectronics TDA2030AV. Datasheet HTML 8Page - STMicroelectronics TDA2030AV. Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
TDA2030A
Device overview
Doc ID 1459 Rev 2
3/23
Table 4.
Electrical characteristics
(Refer to the test circuit, VS = ±16 V, Tamb = 25 °C unless otherwise specified)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Vs
Supply voltage
± 6
± 22
V
Id
Quiescent drain current
50
80
mA
Ib
Input bias current
VS = ± 22 V
0.2
2
µA
Vos
Input offset voltage
VS = ± 22 V
± 2
± 20
mV
Ios
Input offset current
± 20 ± 200
nA
PO
Output power
d = 0.5%, Gv = 26 dB
f = 40 to 15000 Hz
RL= 4 Ω
RL= 8 Ω
VS = ± 19 V;
RL= 8 Ω
15
10
13
18
12
16
W
BW
Power bandwidth
Po = 15 W;
RL= 4 Ω
100
kHz
SR
Slew rate
8
V/µsec
Gv
Open loop voltage gain
f = 1 kHz
80
dB
Gv
Closed loop voltage gain
f = 1 kHz
25.5
26
26.5
dB
d
Total harmonic distortion
Po = 0.1 to 14 W;
RL= 4 Ω
f = 40 to 15 000 Hz;
f = 1 kHz
Po = 0.1 to 9 W, f = 40 to 15 000Hz
RL= 8 Ω
0.08
0.03
0.5
%
d2
Second order CCIF
intermodulation distortion
PO = 4W, f2 – f1 = 1kHz, RL = 4Ω
0.03
%
d3
Third order CCIF
intermodulation distortion
f1 = 14 kHz, f2 = 15 kHz
2f1 – f2 = 13 kHz
0.08
%
eN
Input noise voltage
B = Curve A
2
µV
B = 22Hz to 22kHz
3
10
µV
iN
Input noise current
B = Curve A
50
pA
B = 22Hz to 22kHz
80
200
pA
S/N
Signal-to-noise ratio
RL = 4Ω, Rg = 10kΩ, B = Curve A
PO = 15W
106
dB
PO = 1W
94
dB
Ri
Input resistance (pin 1)
(open loop) f = 1 kHz
0.5
5
M
Ω
SVR
Supply voltage rejection
RL = 4 Ω, Rg = 22 kΩ
54
dB
Gv = 26 dB, f = 100 Hz
Tj
Thermal shutdown junction
temperature
145
°C
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com