Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2030AV. Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA2030AV.
Description  18 W hi-fi amplifier and 35 W driver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2030AV. Datasheet(HTML) 1 Page - STMicroelectronics

  TDA2030AV. Datasheet HTML 1Page - STMicroelectronics TDA2030AV. Datasheet HTML 2Page - STMicroelectronics TDA2030AV. Datasheet HTML 3Page - STMicroelectronics TDA2030AV. Datasheet HTML 4Page - STMicroelectronics TDA2030AV. Datasheet HTML 5Page - STMicroelectronics TDA2030AV. Datasheet HTML 6Page - STMicroelectronics TDA2030AV. Datasheet HTML 7Page - STMicroelectronics TDA2030AV. Datasheet HTML 8Page - STMicroelectronics TDA2030AV. Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
July 2011
Doc ID 1459 Rev 2
1/23
23
TDA2030A
18 W hi-fi amplifier and 35 W driver
Features
■ Output power 18 W at VS = ±16 V / 4 Ω with
0.5% distortion
■ High output current
■ Very low harmonic and crossover distortion
■ Short-circuit protection
■ Thermal shutdown
Description
The TDA2030A is a monolithic IC in a Pentawatt
package intended for use as a low-frequency
class-AB amplifier.
With VS max = 44 V it is particularly suited for more
reliable applications without regulated supply and
for 35 W driver circuits using low-cost
complementary pairs.
The TDA2030A provides high output current and
has very low harmonic and crossover distortion.
The device incorporates a short-circuit protection
system comprising an arrangement for
automatically limiting the dissipated power so as
to keep the operating point of the output
transistors within their safe operating range. A
conventional thermal shutdown system is also
included.
Figure 1.
Typical application
Table 1.
Device summary
Order code
Package
TDA2030AV
Pentawatt (vertical)
Pentawatt (vertical)
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - TDA2030AV.

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA2030AV STMICROELECTRONICS-TDA2030AV Datasheet
238Kb / 15P
18W Hi-Fi AMPLIFIER AND 35W DRIVER
Mar-1995
logo
Tiger Electronic Co.,Lt...
TDA2030AV TGS-TDA2030AV Datasheet
224Kb / 6P
14W Hi-Fi AUDIO AMPLIFIER
More results

Similar Description - TDA2030AV.

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1514A PHILIPS-TDA1514A Datasheet
74Kb / 10P
50 W high performance hi-fi amplifier
May 1992
TDA1521 PHILIPS-TDA1521 Datasheet
150Kb / 14P
2 x 12 W hi-fi audio power amplifier
July 1994
TDA1521A PHILIPS-TDA1521A Datasheet
126Kb / 15P
2 x 6 W hi-fi audio power amplifier
July 1994
TDA2613 PHILIPS-TDA2613 Datasheet
69Kb / 11P
6 W hi-fi audio power amplifier
July 1994
TDA2614 PHILIPS-TDA2614 Datasheet
64Kb / 10P
6 W hi-fi audio power amplifier
July 1994
logo
List of Unclassifed Man...
TDA1512 ETC-TDA1512 Datasheet
214Kb / 6P
12 TO 20 W HI FI AUDIO POWER AMPLIFIER
logo
STMicroelectronics
TDA2050 STMICROELECTRONICS-TDA2050_11 Datasheet
2Mb / 18P
32 W hi-fi audio power amplifier
31-Aug-2011
TDA2030 STMICROELECTRONICS-TDA2030_05 Datasheet
321Kb / 17P
14 W hi-fi audio amplifier
21-Jun-2011
logo
Bookly Micro electronic
BM-TDA1517 BOOKLY-BM-TDA1517 Datasheet
233Kb / 9P
2x6 W Hi-fi stereo power amplifier
logo
Hangzhou Youwang Electr...
UTC2030 YOUWANG-UTC2030 Datasheet
171Kb / 14P
18W Hi-Fi AMPLIFIER AND DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com