Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2030AV. Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA2030AV.
Description  18 W hi-fi amplifier and 35 W driver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2030AV. Datasheet(HTML) 2 Page - STMicroelectronics

  TDA2030AV. Datasheet HTML 1Page - STMicroelectronics TDA2030AV. Datasheet HTML 2Page - STMicroelectronics TDA2030AV. Datasheet HTML 3Page - STMicroelectronics TDA2030AV. Datasheet HTML 4Page - STMicroelectronics TDA2030AV. Datasheet HTML 5Page - STMicroelectronics TDA2030AV. Datasheet HTML 6Page - STMicroelectronics TDA2030AV. Datasheet HTML 7Page - STMicroelectronics TDA2030AV. Datasheet HTML 8Page - STMicroelectronics TDA2030AV. Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
Device overview
TDA2030A
2/23
Doc ID 1459 Rev 2
1
Device overview
Figure 2.
Pin connections (top view)
Figure 3.
Test circuit
Table 2.
Thermal data
Table 3.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
Rth (j-case)
Thermal resistance junction-case
max.
3°C/W
Symbol
Parameter
Value
Unit
Vs
Supply voltage
± 22
V
Vi
Input voltage
Vs
Vi
Differential input voltage
± 15
V
Io
Peak output current (internally limited)
3.5
A
Ptot
Total power dissipation at Tcase = 90 °C
20
W
Tstg, Tj
Storage and junction temperature
– 40 to + 150
°C
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com