Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TQL9062-PCB Datasheet(PDF) 6 Page - Qorvo, Inc

Part # TQL9062-PCB
Description  High Linearity Gain Block with Shutdown
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

TQL9062-PCB Datasheet(HTML) 6 Page - Qorvo, Inc

  TQL9062-PCB Datasheet HTML 1Page - Qorvo, Inc TQL9062-PCB Datasheet HTML 2Page - Qorvo, Inc TQL9062-PCB Datasheet HTML 3Page - Qorvo, Inc TQL9062-PCB Datasheet HTML 4Page - Qorvo, Inc TQL9062-PCB Datasheet HTML 5Page - Qorvo, Inc TQL9062-PCB Datasheet HTML 6Page - Qorvo, Inc TQL9062-PCB Datasheet HTML 7Page - Qorvo, Inc TQL9062-PCB Datasheet HTML 8Page - Qorvo, Inc TQL9062-PCB Datasheet HTML 9Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
TQL9062
High Linearity Gain Block with Shutdown
Data Sheet, April 30, 2018 | Subject to change without notice
6 of 9
www.qorvo.com
®
Performance Plots Contd.
– TQL9062-PCB
Test conditions unless otherwise noted:
VDD=+5 V, Temp=+25°C.
TQL9062-PCB (Reduced Current)
Notes
1.
Placing a 43K Ohm shunt resistor at the input of the amplifier reduces the current draw from 120mA to 70mA.
2.
Negligible change in s-parameter performance under reduced current conditions. OIP3 performance shown in above plot.
30
32.5
35
37.5
40
42.5
45
47.5
50
3
4
5
6
7
Pout/Tone (dBm)
OIP3 vs. Pout/tone (3.5GHz)
IDD = 75 mA
IDD = 120 mA
30
33
36
39
42
45
0.5
1
1.5
2
2.5
3
Frequency (GHz)
OIP3 vs Frequency
Pout/tone = +5dBm
15
17
19
21
23
25
1.5
1.7
1.9
2.1
2.3
2.5
2.7
Frequency (GHz)
P1dB vs Frequency
C3
J4
J3
J1
J2
C4
R2
U1
C6
C5
J6
J7
J5
C1
C2
Q1
J2
RF
Output
J4 GND
J3 V
DD
2
1,3,4,5,8
7
J1
RF
Input
L1
18 nH
(0603) C2
100 pF
C1
100 pF
C3
1000 pF
C4
1 uF
R2
0
J5 P
D
6
R1
20K
R4
43K



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com