Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TQL9062-PCB Datasheet(PDF) 4 Page - Qorvo, Inc

Part # TQL9062-PCB
Description  High Linearity Gain Block with Shutdown
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

TQL9062-PCB Datasheet(HTML) 4 Page - Qorvo, Inc

  TQL9062-PCB Datasheet HTML 1Page - Qorvo, Inc TQL9062-PCB Datasheet HTML 2Page - Qorvo, Inc TQL9062-PCB Datasheet HTML 3Page - Qorvo, Inc TQL9062-PCB Datasheet HTML 4Page - Qorvo, Inc TQL9062-PCB Datasheet HTML 5Page - Qorvo, Inc TQL9062-PCB Datasheet HTML 6Page - Qorvo, Inc TQL9062-PCB Datasheet HTML 7Page - Qorvo, Inc TQL9062-PCB Datasheet HTML 8Page - Qorvo, Inc TQL9062-PCB Datasheet HTML 9Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TQL9062
High Linearity Gain Block with Shutdown
Data Sheet, April 30, 2018 | Subject to change without notice
4 of 9
www.qorvo.com
®
TQL9062-PCB Evaluation Board
Notes:
1. See Evaluation Board PCB Information section for material and stack-up.
2.
R3 (0 Ω jumper) is not shown on the schematic and may be replaced with copper trace in the target application layout.
3. All components are of 0402 size unless stated on the schematic.
4.
For TDD Applications: R1 = 20K & R2 = 0Ω
5. For FDD Applications: R1 = 20K
‘OR’ Pin 6 tied to ground. R2 = DNP/Omitted
6. A through line is included on the evaluation board to de-embed the board losses.
7. R4 sets the current draw. Can be changed for the desired bias point. See table below.
Bill of Material
– TQL9062-PCB
Reference Des.
Value
Description
Manuf.
Part Number
N/A
N/A
Printed Circuit Board
Qorvo
U1
n/a
Ultra Low Noise, Flat Gain LNA
Qorvo
TQL9062
R1
20K
Resistor, chip, 0402, 5%, 1/16W
various
R2, 3
0 Ω
Resistor, Chip, 0402, 5%, 1/16W
various
L1
18 nH
Inductor, 0603, coil
various
C3
1000 pF
Cap, chip, 0402
various
C4
1.0 uF
Cap., Chip, 0402
various
C1, C2, C5, C6
100 pF
Cap., Chip, 0402
various
C3
J4
J3
J1
J2
C4
R2
U1
C6
C5
J6
J7
J5
C1
C2
Q1
J2
RF
Output
J4 GND
J3 V
DD
2
1,3,4,5,8
7
J1
RF
Input
L1
18 nH
(0603) C2
100 pF
C1
100 pF
C3
1000 pF
C4
1 uF
R2
0
J5 P
D
6
R1
20K
See notes 4 & 5.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com