Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TQL9062-PCB Datasheet(PDF) 1 Page - Qorvo, Inc

Part # TQL9062-PCB
Description  High Linearity Gain Block with Shutdown
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

TQL9062-PCB Datasheet(HTML) 1 Page - Qorvo, Inc

  TQL9062-PCB Datasheet HTML 1Page - Qorvo, Inc TQL9062-PCB Datasheet HTML 2Page - Qorvo, Inc TQL9062-PCB Datasheet HTML 3Page - Qorvo, Inc TQL9062-PCB Datasheet HTML 4Page - Qorvo, Inc TQL9062-PCB Datasheet HTML 5Page - Qorvo, Inc TQL9062-PCB Datasheet HTML 6Page - Qorvo, Inc TQL9062-PCB Datasheet HTML 7Page - Qorvo, Inc TQL9062-PCB Datasheet HTML 8Page - Qorvo, Inc TQL9062-PCB Datasheet HTML 9Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TQL9062
High Linearity Gain Block with Shutdown
Data Sheet, April 30, 2018 | Subject to change without notice
1 of 9
www.qorvo.com
®
General Description
The TQL9062 is a cascadable high-linearity gain block
amplifier in a small 2 x 2 mm surface-mount package. At
3.5 GHz, the amplifier typically provides 16.3 dB gain,
+43.6 dBm OIP3 at a 120 mA bias setting, and 1.4 dB
noise figure. The LNA can be biased from a single positive
supply ranging from 3.3 to 5 volts.
The TQL9062 has good noise figure and high linearity
performance allowing the device to be used in both
receiver and transmitter chains for high performance
systems. The gain block is internally matched using a high
performance E-pHEMT process and only requires four
external components for operation from a single positive
supply: an external RF choke and blocking/bypass
capacitors. This low noise amplifier contains an internal
active bias circuit to maintain high performance over
temperature and integrates a shut-down capability to
allow for operation in TDD applications.
The TQL9062 covers the 500-6000 MHz frequency band
and is targeted for wireless infrastructure or other
applications requiring high linearity and/or low noise
figure.
8 pin 2x2 mm DFN Package
Ordering Information
Part No.
Description
TQL9062
High Linearity Gain Block
TQL9062-PCB
0.5-6.0 GHz Evaluation Board
Standard T/R size = 2500 pieces on a 7
” reel
Functional Block Diagram
Applications
• Repeaters / DAS
• Mobile Infrastructure
• LTE / WCDMA / CDMA / GSM
• General Purpose Wireless
• TDD or FDD systems
Product Features
• 0.5-6.0 GHz Operational Bandwidth
• 16.3 dB Gain at 3.5 GHz
• 43.6 dBm OIP3 at 3.5 GHz
• 1.8V TTL logic compatible for shut-down control
• Unconditionally stable
• Integrated on-chip matching, 50 ohm in/out
• Integrated active bias
Backside Paddle - RF/DC GND
Pin 1 Reference Mark
8
7
6
5
1
2
3
4
NC
RF Out
Shut Down
NC
NC
RF In
NC
NC


Similar Part No. - TQL9062-PCB

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TQL9063 QORVO-TQL9063 Datasheet
668Kb / 12P
Ultra Low-Noise, Bypass LNA
TQL9063-PCB QORVO-TQL9063-PCB Datasheet
668Kb / 12P
Ultra Low-Noise, Bypass LNA
TQL9066 QORVO-TQL9066 Datasheet
788Kb / 10P
50 ??1500 MHz Dual LNA
TQL9066-PCB QORVO-TQL9066-PCB Datasheet
788Kb / 10P
50 ??1500 MHz Dual LNA
More results

Similar Description - TQL9062-PCB

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MGA-30889-BLKG AVAGO-MGA-30889-BLKG Datasheet
650Kb / 15P
Flat Gain High Linearity Gain Block
logo
TriQuint Semiconductor
TQL9048 TRIQUINT-TQL9048 Datasheet
710Kb / 10P
High Linearity Gain Block with Shutdown
TQL9047 TRIQUINT-TQL9047_15 Datasheet
599Kb / 13P
High Linearity Gain Block
TQL9048 TRIQUINT-TQL9048_15 Datasheet
808Kb / 11P
High Linearity Gain Block with Shutdown
logo
AVAGO TECHNOLOGIES LIMI...
MGA-30689 AVAGO-MGA-30689_15 Datasheet
733Kb / 16P
Flat Gain High Linearity Gain Block
MGA-30789 AVAGO-MGA-30789_15 Datasheet
702Kb / 14P
High Linearity Gain Block
logo
Broadcom Corporation.
MGA-30789 BOARDCOM-MGA-30789 Datasheet
702Kb / 14P
High Linearity Gain Block
logo
Qorvo, Inc
QPA9127 QORVO-QPA9127 Datasheet
1Mb / 11P
High Linearity Gain Block
TQL9047 QORVO-TQL9047 Datasheet
954Kb / 15P
High Linearity Gain Block
QPA9126 QORVO-QPA9126 Datasheet
1Mb / 12P
High Linearity Gain Block
June 26, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com