Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TQL9062-PCB Datasheet(PDF) 7 Page - Qorvo, Inc

Part # TQL9062-PCB
Description  High Linearity Gain Block with Shutdown
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

TQL9062-PCB Datasheet(HTML) 7 Page - Qorvo, Inc

  TQL9062-PCB Datasheet HTML 1Page - Qorvo, Inc TQL9062-PCB Datasheet HTML 2Page - Qorvo, Inc TQL9062-PCB Datasheet HTML 3Page - Qorvo, Inc TQL9062-PCB Datasheet HTML 4Page - Qorvo, Inc TQL9062-PCB Datasheet HTML 5Page - Qorvo, Inc TQL9062-PCB Datasheet HTML 6Page - Qorvo, Inc TQL9062-PCB Datasheet HTML 7Page - Qorvo, Inc TQL9062-PCB Datasheet HTML 8Page - Qorvo, Inc TQL9062-PCB Datasheet HTML 9Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
TQL9062
High Linearity Gain Block with Shutdown
Data Sheet, April 30, 2018 | Subject to change without notice
7 of 9
www.qorvo.com
®
Pin Configuration and Description
Pin No.
Label
Description
1, 3, 4, 5, 8
NC
No electrical connection. Provide grounded land pads for PCB mounting integrity.
2
RF In
RF Input pin. A DC Block is required.
6
Shut Down
A high voltage(>1.17V) turns off the device. If the pin is pulled to ground or driven
with a voltage less than 0.63V, then the device will operate under LNA ON state.
7
RF Out / DCBias
RF Output pin. DC bias will also need to be injected through an RF bias
choke/inductor for operation.
Backside
Paddle
RF/DC GND
RF/DC ground. Use recommended via pattern to minimize inductance and thermal
resistance; see PCB Mounting Pattern for suggested footprint.
Evaluation Board PCB Information
Qorvo PCB 1128449 Material and Stack-up
50 ohm line dimensions: width = 0.020”, spacing = 0.032”
Backside Paddle - RF/DC GND
Pin 1 Reference Mark
8
7
6
5
1
2
3
4
NC
RF Out
Shut Down
NC
NC
RF In
NC
NC
1 oz. Cu bottom layer
Rogers 4350B
Rogers 4450F
Rogers 4350B
ε
r=3.7 typ.
1 oz. Cu top layer
1 oz. Cu inner layer
1 oz. Cu inner layer
0.010"
0.010"
0.062" ± 0.006"
Finished Board
Thickness



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com