Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TQL9062-PCB Datasheet(PDF) 3 Page - Qorvo, Inc

Part # TQL9062-PCB
Description  High Linearity Gain Block with Shutdown
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

TQL9062-PCB Datasheet(HTML) 3 Page - Qorvo, Inc

  TQL9062-PCB Datasheet HTML 1Page - Qorvo, Inc TQL9062-PCB Datasheet HTML 2Page - Qorvo, Inc TQL9062-PCB Datasheet HTML 3Page - Qorvo, Inc TQL9062-PCB Datasheet HTML 4Page - Qorvo, Inc TQL9062-PCB Datasheet HTML 5Page - Qorvo, Inc TQL9062-PCB Datasheet HTML 6Page - Qorvo, Inc TQL9062-PCB Datasheet HTML 7Page - Qorvo, Inc TQL9062-PCB Datasheet HTML 8Page - Qorvo, Inc TQL9062-PCB Datasheet HTML 9Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TQL9062
High Linearity Gain Block with Shutdown
Data Sheet, April 30, 2018 | Subject to change without notice
3 of 9
www.qorvo.com
®
S-Parameters
Test Conditions: VDD=+5 V, IDD=120 mA (typ.), T=+25
°C, unmatched 50 ohm system, calibrated to device leads
Freq (GHz)
S11 (dB)
S11 (ang)
S21 (dB)
S21 (ang)
S12 (dB)
S12 (ang)
S22 (dB)
S22 (ang)
0.05
-5.58
-25.44
31.12
154.79
-39.32
18.69
-21.45
-78.20
0.1
-6.63
-40.28
29.60
140.90
-38.23
24.37
-21.43
-108.89
0.2
-8.40
-67.49
27.44
121.82
-36.03
32.11
-20.54
-130.56
0.4
-12.21
-117.58
24.34
91.42
-32.46
33.32
-18.10
-142.99
0.6
-15.86
-168.14
21.82
67.54
-30.15
26.01
-15.82
-154.18
0.7
-17.04
165.25
20.76
57.25
-29.34
21.57
-14.95
-160.06
0.8
-17.59
139.89
19.82
47.73
-28.71
16.72
-14.21
-165.79
0.9
-17.69
117.33
18.99
38.80
-28.22
11.88
-13.60
-171.24
1
-17.63
97.93
18.26
30.34
-27.81
7.02
-13.07
-176.47
1.2
-17.67
64.69
17.06
14.40
-27.26
-2.90
-12.20
173.78
1.4
-17.96
32.57
16.16
-0.65
-26.97
-12.93
-11.50
164.97
1.6
-17.84
-0.92
15.49
-15.14
-26.88
-23.05
-10.91
156.98
1.8
-17.07
-33.07
15.02
-29.21
-26.96
-33.20
-10.43
149.90
1.9
-16.52
-48.19
14.85
-36.12
-27.06
-38.34
-10.22
146.83
2
-15.91
-62.83
14.72
-42.97
-27.18
-43.50
-10.03
144.17
2.1
-15.22
-77.12
14.63
-49.78
-27.34
-48.72
-9.84
141.80
2.3
-13.57
-104.04
14.53
-63.46
-27.75
-59.44
-9.50
137.78
2.4
-12.64
-116.18
14.51
-70.30
-28.01
-65.03
-9.31
136.07
2.5
-11.69
-127.19
14.51
-77.18
-28.28
-70.67
-9.13
134.34
2.6
-10.78
-137.01
14.52
-84.07
-28.59
-76.46
-8.95
132.52
2.7
-9.96
-145.92
14.56
-90.99
-28.93
-82.44
-8.78
130.54
2.8
-9.24
-154.12
14.61
-97.95
-29.27
-88.50
-8.65
128.38
3
-8.33
-170.14
14.83
-112.10
-29.90
-101.46
-8.61
123.39
3.2
-7.52
176.37
15.05
-126.52
-30.56
-115.52
-8.52
117.49
3.3
-7.30
169.24
15.20
-133.99
-30.84
-123.29
-8.57
114.62
3.4
-7.19
161.43
15.36
-141.68
-31.08
-131.38
-8.67
112.03
3.5
-7.16
152.84
15.51
-149.61
-31.25
-140.04
-8.82
109.91
3.6
-7.20
143.52
15.66
-157.73
-31.41
-149.11
-9.02
108.36
3.7
-7.29
133.64
15.79
-166.07
-31.47
-158.57
-9.22
107.47
3.8
-7.45
123.39
15.89
-174.50
-31.47
-168.48
-9.43
107.11
3.9
-7.70
113.05
15.97
176.95
-31.41
-178.40
-9.60
107.32
4
-8.08
102.75
16.00
168.34
-31.27
171.57
-9.74
107.82
4.1
-8.63
92.35
16.00
159.65
-31.07
161.46
-9.83
108.60
4.2
-9.42
81.60
15.96
150.83
-30.78
151.14
-9.82
109.35
4.4
-11.83
56.82
15.72
132.91
-30.13
131.39
-9.53
109.52
4.6
-15.03
20.39
15.23
114.98
-29.42
112.31
-9.00
106.37
4.8
-16.25
-29.12
14.52
97.76
-28.77
94.63
-8.57
99.43
5
-15.18
-67.89
13.67
81.87
-27.91
78.35
-8.43
90.91
5.2
-13.99
-95.10
12.78
66.68
-27.18
62.35
-8.72
81.53
5.4
-13.12
-120.17
11.78
52.42
-26.36
46.79
-9.43
73.90
5.6
-11.85
-143.52
10.58
39.61
-25.60
30.29
-10.53
70.22
5.8
-10.34
-163.20
9.35
29.87
-25.11
13.36
-11.30
75.03
6
-8.93
-177.96
8.35
22.35
-24.78
-4.86
-10.53
82.56



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com