Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1102 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # F1102
Description  RF to IF Dual Downconverting Mixer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1102 Datasheet(HTML) 4 Page - Renesas Technology Corp

  F1102 Datasheet HTML 1Page - Renesas Technology Corp F1102 Datasheet HTML 2Page - Renesas Technology Corp F1102 Datasheet HTML 3Page - Renesas Technology Corp F1102 Datasheet HTML 4Page - Renesas Technology Corp F1102 Datasheet HTML 5Page - Renesas Technology Corp F1102 Datasheet HTML 6Page - Renesas Technology Corp F1102 Datasheet HTML 7Page - Renesas Technology Corp F1102 Datasheet HTML 8Page - Renesas Technology Corp F1102 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
RF to IF Dual Downconverting Mixer
2300 - 2700 MHz F1162NBGI
IDT Zero-Distortion
TM Mixer
4
Rev1, July 2012
DATASHEET
IDTF1162 SPECIFICATION (CONTINUED)
Parameter
Comment
Symbol
min
typ
max
units
Gain LC Mode
Conversion Gain
• F
RF = 2700 MHz
• LC
MODE = GND
• EVkit BOM = LC Mode
• F
IF = 200 MHz (High Side Inj.)
GLC
6.8
7.9
9.0
dB
NF STD Mode
Noise Figure
• RF trace de-embedded
• F
IF = 200 MHz
NFSTD
9.9
dB
NF LC Mode
Noise Figure
• RF trace de-embedded
• LC
MODE = GND, EVKit BOM = LC
• F
IF = 200 MHz
NFLC
9.7
dB
NF w/Blocker
+100 MHz offset blocker
PBLOCKER = +10 dBm
FIF = 250 MHz
NFBLK
23.5
dB
Output IP3 – STD mode
PIN = -10 dBm per tone
800 KHz Tone Separation
IP3O1
38
2
43
dBm
Output IP3 – LC mode
PIN = -10 dBm per tone
FIF = 200 MHz (Low Side Inj.)
FRF = 2600 MHz
800 KHz Tone Separation
LCMODE = GND
EVKit BOM = LC Mode
IP3O3
33.5
37.7
dBm
Output IP3 – High Side
Injection
PIN = -10 dBm per tone
800 KHz Tone Separation
FIF = 154 MHz (High Side Inj.)
FRF = 2600 MHz
Modified LC mode BOM (p. 26)
IP3O2
43
dBm
2RF – 2LO rejection
PIN = -10 dBm
Frequency = FRF - ½ FIF
2x2
-68
dBc
1 dB Compression –
STD Mode
Input referred
400 MHz IF
P1dBI1
11
11.9
dBm
1 dB Compression – LC
Mode
LCMODE = GND
EVKit BOM = LC Mode
FIF = 200 MHz (Low Side Inj.)
P1dBI2
8
10.2
dBm
Gain Comp. w/blocker
Blocker
unmodulated tone
PIN = +8 dBm, +100 MHz offset
Signal Pin Tone = -20 dBm
Measure ∆G of signal
FIF = 250 MHz
∆GAC
0.15
dB
Channel Isolation
IF_B Pout vs. IF_A w/ RF_A input
ISOC
63
dB
LO to IF leakage
LO Frequency = 2200 MHz
ISOLI
-32
-23
dBm
RF to IF leakage
Pin = -10 dBm
ISORI
-57
-43
dBm
LO to RF leakage
• LO Frequency = 2345 MHz
• Low Current Mode
ISOLR
-41
dBm
1 – Items in min/max columns in bold italics are Guaranteed by Test
2 – All other Items in min/max columns are Guaranteed by Design Characterization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com