Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1102 Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # F1102
Description  RF to IF Dual Downconverting Mixer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1102 Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button F1102 Datasheet HTML 15Page - Renesas Technology Corp F1102 Datasheet HTML 16Page - Renesas Technology Corp F1102 Datasheet HTML 17Page - Renesas Technology Corp F1102 Datasheet HTML 18Page - Renesas Technology Corp F1102 Datasheet HTML 19Page - Renesas Technology Corp F1102 Datasheet HTML 20Page - Renesas Technology Corp F1102 Datasheet HTML 21Page - Renesas Technology Corp F1102 Datasheet HTML 22Page - Renesas Technology Corp F1102 Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
RF to IF Dual Downconverting Mixer
2300 - 2700 MHz F1162NBGI
IDT Zero-Distortion
TM Mixer
19
Rev1, July 2012
DATASHEET
TYPICAL OPERATING CONDITIONS [General] (-14-)
IP3O vs. ∆
∆
∆
∆f (T
A = 25C, Freq = 2.6 GHz, IF = 200 MHz)
EVkit Input RF Trace Loss (TA = 25C)
IP3O Distribution (FIF = 200MHz, LC mode, N = 3340)
IP3O vs. PIN (TA = 25C, Freq = 2.6 GHz, IF = 200 MHz)
TC4-1T Transformer Loss
Gain Distribution (FIF = 400MHz, STD mode, N = 3340)
20
25
30
35
40
45
50
8.00E+05
5.80E+06
1.08E+07
1.58E+07
2.08E+07
2.58E+07
3.08E+07
Tone Separation (Hz)
STD
LC
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
2300
2400
2500
2600
2700
RF Frequency (MHz)
-40 degC
25 degC
100 degC
See Noise Figure Plots. This is used to
de-embed RAW EVkit measurements
0%
5%
10%
15%
20%
25%
30%
35%
IP3O Bin (dBm)
Channel B
Channel A
20
25
30
35
40
45
50
-14
-13
-12
-11
-10
-9
-8
-7
-6
-5
-4
-3
-2
Input Power (dBm/Tone)
STD
LC
-1.4
-1.2
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
4.0E+07
8.0E+07
1.2E+08
1.6E+08
2.0E+08
2.4E+08
2.8E+08
3.2E+08
3.6E+08
4.0E+08
Frequency (Hz)
-40C
+25C
+100C
See Mixer Device Gain plots. This Data is
used to de-embed the EVKit measured data
0%
5%
10%
15%
20%
25%
30%
35%
Gain Bin (dB)
Channel B
Channel A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com