Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1102 Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # F1102
Description  RF to IF Dual Downconverting Mixer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1102 Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button F1102 Datasheet HTML 19Page - Renesas Technology Corp F1102 Datasheet HTML 20Page - Renesas Technology Corp F1102 Datasheet HTML 21Page - Renesas Technology Corp F1102 Datasheet HTML 22Page - Renesas Technology Corp F1102 Datasheet HTML 23Page - Renesas Technology Corp F1102 Datasheet HTML 24Page - Renesas Technology Corp F1102 Datasheet HTML 25Page - Renesas Technology Corp F1102 Datasheet HTML 26Page - Renesas Technology Corp F1102 Datasheet HTML 27Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
RF to IF Dual Downconverting Mixer
2300 - 2700 MHz F1162NBGI
IDT Zero-Distortion
TM Mixer
25
Rev1, July 2012
DATASHEET
EVKIT BOM
Default BOM:
For Standard Mode, Open the LCMODE jumper in conjunction with positioning the 4 dual jumpers to select the resistors in
red.
For Low Current Mode close the LCMODE jumper in conjunction with positioning the 4 dual jumpers to select the resistors in
blue.
Modified BOM (for High Side Injection LC Mode):
EVkit Modifications for High Side Injection Low Current Mode (see TOCs on pages 15 – 17)
Item #
Value
Size
Desc
Mfr. Part #
Mfr.
Part Reference
Qty
1
10nF
0402
CAP CER 10000PF 16V 10% X7R 0402
GRM155R71C103KA01D
MURATA
C1,5,6,9,12,13,16
7
2
1000pF
0402
CAP CER 1000PF 50V C0G 0402
GRM1555C1H102JA01D
MURATA
C2,3,14,15
4
3
39pF
0402
CAP CER 39PF 50V 5% C0G 0402
GRM1555C1H390JZ010
MURATA
C8,10
2
4
4.7pF
0402
CAP CER 4.7PF 50V 5% C0G 0402
GRM1555C1H4R7CZ01D
MURATA
C11
1
5
1pF
0402
Note: C7 and C11 cannot be installed together. C7 for Pin27 LO feed. C11 for Pin19 LO feed
C7
1
6
10uF
0603
CAP CER 10UF 6.3V X5R 0603
GRM188R60J106ME47D
MURATA
C4
1
7
Header 2 Pin
TH 2
CONN HEADER VERT SGL 2POS GOLD
961102-6404-AR
3M
JP1,2,3
3
8
Header 3 Pin
TH 3
CONN HEADER VERT SGL 3POS GOLD
961103-6404-AR
3M
JP4,5,6,7
4
9
SMA_END_LAUNCH
.062
SMA_END_LAUNCH
142-0711-821
Emerson Johnson
J1,2,3,4,5,6,7
7
10
270nH
0805
0805CS (2012) Ceramic Chip Inductor
0805CS-271XJLB
COILCRAFT
L1,2,3,4
4
11
40
0402
RES 40 OHM 1/10W 1% 0402 SMD
ERJ-2RKF40R2X
Panasonic
R11,15
2
12
63
0402
RES 63 OHM 1/10W 1% 0402 SMD
ERJ-2RKF62R0X
Panasonic
R12,16
2
13
91
0402
RES 91.0 OHM 1/10W 1% 0402 SMD
ERJ-2RKF91R0X
Panasonic
R13
1
14
180
0402
RES 180 OHM 1/10W 1% 0402 SMD
ERJ-2RKF1800X
Panasonic
R14
1
15
1.91k
0402
RES 1.91K OHM 1/10W 1% 0402 SMD
ERJ-2RKF1911X
Panasonic
R18
1
16
1.21K
0402
RES 1.21K OHM 1/10W 1% 0402 SMD
ERJ-2RKF1211X
Panasonic
R17
1
17
47K
0402
RES 47.0K OHM 1/16W 1% 0402 SMD
RC0402FR-0747KL
Yageo
R8,9
2
18
0
0402
RES 0.0 OHM 1/10W 0402 SMD
ERJ-2GE0R00X
Panasonic
R1,2,3,4,5,6,7,10
8
19
4:1 Balun
SM-22
4:1 Center Tap Balun
TC4-1TG2+
Mini Circuits
T1,2
2
20
F1162
QFN-36
Diversity Downconverter
F1162NBGI
IDT
U1
1
21
PCB
F1162 EVKit Rev5
1
F1162 BOM
Set these 3 Dual Jumpers as
shown to INNER position and
CLOSE LCMODE Jumper
Set R14/R13 Jumper to
OUTER position
Will select 91 ohm
resistor for pin17 instead
of 180 ohm. All other
resistors will be selected
for Mode = Low Current
Change C8 and C10
from 39 pF to 4.7 pF
Change C11 from
4.7 pF to 3 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com