Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1102 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # F1102
Description  RF to IF Dual Downconverting Mixer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1102 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button F1102 Datasheet HTML 12Page - Renesas Technology Corp F1102 Datasheet HTML 13Page - Renesas Technology Corp F1102 Datasheet HTML 14Page - Renesas Technology Corp F1102 Datasheet HTML 15Page - Renesas Technology Corp F1102 Datasheet HTML 16Page - Renesas Technology Corp F1102 Datasheet HTML 17Page - Renesas Technology Corp F1102 Datasheet HTML 18Page - Renesas Technology Corp F1102 Datasheet HTML 19Page - Renesas Technology Corp F1102 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
RF to IF Dual Downconverting Mixer
2300 - 2700 MHz F1162NBGI
IDT Zero-Distortion
TM Mixer
16
Rev1, July 2012
DATASHEET
TYPICAL OPERATING CONDITIONS [High Side Injection see LC mode modifications on p. 25 ] (-11-)
2RF x 2LO vs. TCASE [IF = 154 MHz]
ICC vs. TCASE
LO to IF Leakage vs. TCASE
2RF x 2LO vs. LO Level [IF = 154 MHz]
ICC vs. LO Level
LO to IF Leakage vs. LO Level
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
2.30E+09
2.40E+09
2.50E+09
2.60E+09
2.70E+09
RF Freq (Hz)
-40 degC - 5.00 V - 0 dBm - STD
-40 degC - 5.00 V - 0 dBm - LC (mod)
25 degC - 5.00 V - 0 dBm - STD
25 degC - 5.00 V - 0 dBm - LC (mod)
100 degC - 5.00 V - 0 dBm - STD
100 degC - 5.00 V - 0 dBm - LC (mod)
0.200
0.220
0.240
0.260
0.280
0.300
0.320
0.340
0.360
0.380
0.400
2.30E+09
2.40E+09
2.50E+09
2.60E+09
2.70E+09
RF Freq (Hz)
-40 degC - 0 dBm - STD - 2.0E+8Hz IF
-40 degC - 0 dBm - LC (mod) - 1.5E+8Hz IF
25 degC - 0 dBm - STD - 2.0E+8Hz IF
25 degC - 0 dBm - LC (mod) - 1.5E+8Hz IF
100 degC - 0 dBm - STD - 2.0E+8Hz IF
100 degC - 0 dBm - LC (mod) - 1.5E+8Hz IF
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
2.30E+09
2.40E+09
2.50E+09
2.60E+09
2.70E+09
RF Freq (Hz)
-40 degC - 0 dBm - STD - 2.0E+8Hz IF
-40 degC - 0 dBm - LC (mod) - 1.5E+8Hz IF
25 degC - 0 dBm - STD - 2.0E+8Hz IF
25 degC - 0 dBm - LC (mod) - 1.5E+8Hz IF
100 degC - 0 dBm - STD - 2.0E+8Hz IF
100 degC - 0 dBm - LC (mod) - 1.5E+8Hz IF
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
2.30E+09
2.40E+09
2.50E+09
2.60E+09
2.70E+09
RF Freq (Hz)
25 degC - 5.00 V - 6 dBm - STD
25 degC - 5.00 V - 6 dBm - LC (mod)
25 degC - 5.00 V - 0 dBm - STD
25 degC - 5.00 V - 0 dBm - LC (mod)
25 degC - 5.00 V - -3 dBm - STD
25 degC - 5.00 V - -3 dBm - LC (mod)
0.200
0.220
0.240
0.260
0.280
0.300
0.320
0.340
0.360
0.380
0.400
2.30E+09
2.40E+09
2.50E+09
2.60E+09
2.70E+09
RF Freq (Hz)
25 degC - 6 dBm - STD - 2.0E+8Hz IF
25 degC - 6 dBm - LC (mod) - 1.5E+8Hz IF
25 degC - 0 dBm - STD - 2.0E+8Hz IF
25 degC - 0 dBm - LC (mod) - 1.5E+8Hz IF
25 degC - -3 dBm - STD - 2.0E+8Hz IF
25 degC - -3 dBm - LC (mod) - 1.5E+8Hz IF
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
2.30E+09
2.40E+09
2.50E+09
2.60E+09
2.70E+09
RF Freq (Hz)
25 degC - 6 dBm - STD - 2.0E+8Hz IF
25 degC - 6 dBm - LC (mod) - 1.5E+8Hz IF
25 degC - 0 dBm - STD - 2.0E+8Hz IF
25 degC - 0 dBm - LC (mod) - 1.5E+8Hz IF
25 degC - -3 dBm - STD - 2.0E+8Hz IF
25 degC - -3 dBm - LC (mod) - 1.5E+8Hz IF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com