Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1102 Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # F1102
Description  RF to IF Dual Downconverting Mixer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1102 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button F1102 Datasheet HTML 14Page - Renesas Technology Corp F1102 Datasheet HTML 15Page - Renesas Technology Corp F1102 Datasheet HTML 16Page - Renesas Technology Corp F1102 Datasheet HTML 17Page - Renesas Technology Corp F1102 Datasheet HTML 18Page - Renesas Technology Corp F1102 Datasheet HTML 19Page - Renesas Technology Corp F1102 Datasheet HTML 20Page - Renesas Technology Corp F1102 Datasheet HTML 21Page - Renesas Technology Corp F1102 Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
RF to IF Dual Downconverting Mixer
2300 - 2700 MHz F1162NBGI
IDT Zero-Distortion
TM Mixer
18
Rev1, July 2012
DATASHEET
TYPICAL OPERATING CONDITIONS [General] (-13-)
EVkit IF Port Match (TA = 25C)
Settling Time (STBY -> VIL)
Main LO Port Match (TA = 25C, PMEAS = 0 dBm)
Alt. LO port Match (TA = 25C, PMEAS = 0 dBm)
Settling Time (STBY -> VIH)
EVkit RF Port Match (TA = 25C)
-30
-25
-20
-15
-10
-5
0
50
100
150
200
250
300
350
400
450
500
550
IF Frequency (MHz)
Average of ChA STD Mode
Average of ChA LC Mode
Average of ChB STD Mode
Average of ChB LC Mode
0
2
4
6
8
10
-0.5
-0.3
-0.1
0.1
0.3
0.5
-40
0
40
80
120
160
200
Time (nsec)
Vif
Vstby
Turn On Settling Time: 150 nsec
-30
-25
-20
-15
-10
-5
0
1.8
1.9
2.0
2.2
2.3
2.4
2.5
2.6
2.8
2.9
3.0
LO Freq (GHz)
STD Mode ON
STD Mode STBY
LC Mode ON
LC Mode STBY
For Main LO port connector (Pin 19)
-30
-25
-20
-15
-10
-5
0
1.8E+09
2E+09
2.2E+09
2.4E+09
2.6E+09
2.8E+09
3E+09
LO Frequency (Hz)
LC Mode: LO Power = 0 dBm
Connector for Pin 27
0
2
4
6
8
10
-0.5
-0.3
-0.1
0.1
0.3
0.5
-40
0
40
80
120
160
200
Time (nsec)
Vif
Vstby
Turn Off Settling Time: 70 nsec
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
2.20
2.30
2.40
2.50
2.60
2.70
2.80
2.90
3.00
RF Freq (GHz)
Average of ChA STD Mode
Average of ChA LC Mode
Average of ChB STD Mode
Average of ChB LC Mode
LO = 2.2 GHz / 0 dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com