Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F2913 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # F2913
Description  High Isolation SP2T RF Switch 50MHz to 6000MHz
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2913 Datasheet(HTML) 5 Page - Renesas Technology Corp

  F2913 Datasheet HTML 1Page - Renesas Technology Corp F2913 Datasheet HTML 2Page - Renesas Technology Corp F2913 Datasheet HTML 3Page - Renesas Technology Corp F2913 Datasheet HTML 4Page - Renesas Technology Corp F2913 Datasheet HTML 5Page - Renesas Technology Corp F2913 Datasheet HTML 6Page - Renesas Technology Corp F2913 Datasheet HTML 7Page - Renesas Technology Corp F2913 Datasheet HTML 8Page - Renesas Technology Corp F2913 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
F2913 Datasheet
© 2017–2023 Renesas Electronics Corporation
5
February 8, 2023
Electrical Characteristics
Table 4.
Electrical Characteristics
See the F2913 Typical Application Circuit. Specifications apply when operated with VDD = +3.3V, TEP = +25°C, ZS = ZL = 50Ω, RF signals
applied at RF1 or RF2 and measured at RFC, and Evaluation Board trace and connector losses are de-embedded, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Logic Input High
VIH
C1, C2 pins
1.17 [b]
Lower of
(VDD, 3.6)
V
Logic Input Low
VIL
C1, C2 pins
-0.3
0.6
V
Logic Current
IIH, IIL
-1 [a]
+1
µA
DC Current (VDD)
IDD
90
170
µA
Insertion Loss
RF1 to RFC or RF2 to RFC
IL
50MHz ≤ fRF ≤ 400MHz
0.77
0.97
dB
400MHz < fRF ≤ 1GHz [c]
0.79
1.00
1GHz < fRF ≤ 2GHz
0.79
1.00
2GHz < fRF ≤ 3GHz
0.88
1.10
3GHz < fRF ≤ 4GHz
1.03
1.40
4GHz < fRF ≤ 5GHz
1.15
1.50
5GHz < fRF ≤ 6GHz
1.25
1.65
Isolation
(RFC to RF1, RF2)
(one path on)
ISO1
50MHz ≤ fRF ≤ 400MHz
74
79
dB
400MHz < fRF ≤ 1GHz
66
71
1GHz < fRF ≤ 2GHz
60
65
2GHz < fRF ≤ 3GHz
57
62
3GHz < fRF ≤ 4GHz
53
58
4GHz < fRF ≤ 5GHz
50
54
5GHz < fRF ≤ 6GHz
46
51
Isolation
(RF1 to RF2, RF2 to RF1)
(one path on)
ISO2
50MHz ≤ fRF ≤ 400MHz
80
85
dB
400MHz < fRF ≤ 1GHz
75
80
1GHz < fRF ≤ 2GHz
67
72
2GHz < fRF ≤ 3GHz
62
67
3GHz < fRF ≤ 4GHz
57
62
4GHz < fRF ≤ 5GHz
53
58
5GHz < fRF ≤ 6GHz
51
56
Return Loss RF1, RF2 [d]
Insertion Loss State
RL1
50MHz ≤ fRF ≤ 4GHz
20
dB
4GHz < fRF ≤ 6GHz
18.7
Return Loss RFC [d]
Insertion Loss State
RL2
50MHz ≤ fRF ≤ 4GHz
18.0
dB
4GHz < fRF ≤ 6GHz
15.2
a. Items in min/max columns in bold italics are guaranteed by test.
b. Items in min/max columns that are not bold italics are guaranteed by design characterization.
c. Maximum spec guaranteed by test at 1GHz and by design characterization over the whole frequency range.
d. Return loss includes mismatch effects of Evaluation Kit PCB and RF connectors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com