Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F2913 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # F2913
Description  High Isolation SP2T RF Switch 50MHz to 6000MHz
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2913 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button F2913 Datasheet HTML 8Page - Renesas Technology Corp F2913 Datasheet HTML 9Page - Renesas Technology Corp F2913 Datasheet HTML 10Page - Renesas Technology Corp F2913 Datasheet HTML 11Page - Renesas Technology Corp F2913 Datasheet HTML 12Page - Renesas Technology Corp F2913 Datasheet HTML 13Page - Renesas Technology Corp F2913 Datasheet HTML 14Page - Renesas Technology Corp F2913 Datasheet HTML 15Page - Renesas Technology Corp F2913 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
F2913 Datasheet
© 2017–2023 Renesas Electronics Corporation
12
February 8, 2023
Control Mode
Table 7.
Switch Control Truth Table
C1
C2
RFC – RF1
RFC – RF2
LOW
LOW
OFF
OFF
LOW
HIGH
OFF
ON
HIGH
LOW
ON
OFF
HIGH
HIGH
N/A
N/A
Application Information
Default Start-up
The C1 and C2 control pins include no internal pull-down resistors to logic LOW or pull-up resistors to logic HIGH.
Power Supplies
A common VDD power supply should be used for all pins requiring DC power. All supply pins should be bypassed with external capacitors to
minimize noise and fast transients. Supply noise can degrade the noise figure, and fast transients can trigger ESD clamps and cause them to
fail. Supply voltage change or transients should have a slew rate slower than 1V / 20µs. In addition, all control pins should remain at 0V
(± 0.3V) while the supply voltage ramps up or while it returns to zero.
Control Pin Interface
If a clean control signal for pins 16 and 17 cannot be guaranteed due to overshoot, undershoot, or ringing, etc., the following circuit at the
input of the control pins is recommended.
Figure 27. Control Pin Signal Integrity Improvement Circuit
F2913
GND
1
EP
2
3
4
5
11
12
13
14
15
6
7
8
9 10
20 19 18 17 16
RF1
GND
GND
GND
GND
RF2
GND
GND
GND
GND GND RFC GND GND
VDD GND GND
C1
C2
5 kΩ
2 pF
2 pF
5 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com