Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F2913 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # F2913
Description  High Isolation SP2T RF Switch 50MHz to 6000MHz
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2913 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button F2913 Datasheet HTML 10Page - Renesas Technology Corp F2913 Datasheet HTML 11Page - Renesas Technology Corp F2913 Datasheet HTML 12Page - Renesas Technology Corp F2913 Datasheet HTML 13Page - Renesas Technology Corp F2913 Datasheet HTML 14Page - Renesas Technology Corp F2913 Datasheet HTML 15Page - Renesas Technology Corp F2913 Datasheet HTML 16Page - Renesas Technology Corp F2913 Datasheet HTML 17Page - Renesas Technology Corp F2913 Datasheet HTML 18Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
F2913 Datasheet
© 2017–2023 Renesas Electronics Corporation
16
February 8, 2023
Package Outline Drawings
The package outline drawings are located at the end of this document and are accessible from the Renesas website (see Ordering
Information for POD links). The package information is the most current data available and is subject to change without revision of this
document.
Marking Diagram
IDTF29
13NLGK
ZE705AHG
Lines 1 and 2 – Part number
Line 3 “ZE” – Die version
Line 3 “705” – Production period, last digit of year plus workweek
Line 3 “AHG” – Production process
Ordering Information
Part Number
Package
MSL Rating
Shipping Packaging
Temperature Range
F2913NLGK
4 × 4 × 0.95 mm 20-VFQFPN
MSL1
Cut Tape
-40°C to +110°C
F2913NLGK8
4 × 4 × 0.95 mm 20-VFQFPN
MSL1
Reel
-40°C to +110°C
F2913EVBI
Evaluation Board
Revision History
Date
Description
February 8, 2023
Updated POD links.
January 31, 2019
Updated package for correct drawing number
September 29, 2017
Initial release



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com