Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F2913 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # F2913
Description  High Isolation SP2T RF Switch 50MHz to 6000MHz
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2913 Datasheet(HTML) 1 Page - Renesas Technology Corp

  F2913 Datasheet HTML 1Page - Renesas Technology Corp F2913 Datasheet HTML 2Page - Renesas Technology Corp F2913 Datasheet HTML 3Page - Renesas Technology Corp F2913 Datasheet HTML 4Page - Renesas Technology Corp F2913 Datasheet HTML 5Page - Renesas Technology Corp F2913 Datasheet HTML 6Page - Renesas Technology Corp F2913 Datasheet HTML 7Page - Renesas Technology Corp F2913 Datasheet HTML 8Page - Renesas Technology Corp F2913 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
High Isolation SP2T RF Switch
50MHz to 6000MHz
F2913
Datasheet
© 2017–2023 Renesas Electronics Corporation.
1
February 8, 2023
Description
The F2913 is a high isolation, low insertion loss, 50Ω SP2T
absorptive RF switch designed for a multitude of wireless and RF
applications. This device covers a broad frequency range of
50MHz to 6000MHz. In addition to providing low insertion loss,
the F2913 also delivers high linearity and high isolation
performance while providing a 50Ω termination at all RF ports.
The F2913 uses a single positive supply voltage of +2.7V to
+5.5V and supports three states using either +1.8V or +3.3V
control logic.
Competitive Advantage
Low insertion loss
High isolation
Excellent linearity
Fast switching time
High termination power handling
Extended temperature range
Typical Applications
Base Station 2G, 3G, 4G, 5G
Portable Wireless
Repeaters and E911 Systems
Digital Pre-Distortion
Point-to-Point Infrastructure
Public Safety Infrastructure
WIMAX Receivers and Transmitters
Military Systems, JTRS Radios
RFID Handheld and Portable Readers
Test / ATE Equipment
Features
Low insertion loss: 0.79dB at 2GHz
High isolation:
71dB at 1GHz
65dB at 2GHz
58dB at 4GHz
High IIP3: +65dBm at 2.6GHz
Supply voltage: +2.7V to +5.5V
1.8V and 3.3V compatible control logic
Operating temperature: -40°C to +110°C
4 × 4 mm 20-VFQFPN package
Block Diagram
Figure 1. Block Diagram
VDD
C2
C1
RFC
RF2
RF1
50
Ω
50
Ω
50
Ω


Similar Part No. - F2913

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F2913 RENESAS-F2913 Datasheet
1Mb / 20P
High Isolation SP2T RF Switch 50MHz to 6000MHz
F2913EVBI RENESAS-F2913EVBI Datasheet
1Mb / 20P
High Isolation SP2T RF Switch 50MHz to 6000MHz
F2913NLGK RENESAS-F2913NLGK Datasheet
1Mb / 20P
High Isolation SP2T RF Switch 50MHz to 6000MHz
F2913NLGK8 RENESAS-F2913NLGK8 Datasheet
1Mb / 20P
High Isolation SP2T RF Switch 50MHz to 6000MHz
More results

Similar Description - F2913

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFSA3714 RFMD-RFSA3714 Datasheet
2Mb / 20P
50MHz to 6000MHz, Digital Step Attenuator
logo
Mini-Circuits
HSWA2-63DR MINI-HSWA2-63DR Datasheet
312Kb / 5P
SP2T RF Switch
logo
BeRex Corporation
BSW6421 BEREX-BSW6421 Datasheet
1Mb / 13P
5MHz-6000MHz High Isolation Reflective SPDT RF switch
logo
Renesas Technology Corp
F2251 RENESAS-F2251 Datasheet
2Mb / 23P
Voltage Variable RF Attenuator 50MHz to 6000MHz
F2913 RENESAS-F2913 Datasheet
1Mb / 20P
High Isolation SP2T RF Switch 50MHz to 6000MHz
F2934 RENESAS-F2934 Datasheet
297Kb / 3P
High Reliability SP2T RF Switch 50MHz to 6000MHz
logo
STMicroelectronics
SBB3089Z STMICROELECTRONICS-SBB3089Z Datasheet
860Kb / 9P
50MHz to 6000MHz Gain Block
08-Jun-2021
logo
Renesas Technology Corp
F2912 RENESAS-F2912_V01 Datasheet
2Mb / 25P
High Reliability SP2T RF Switch
Sep 20, 2021
F2934 RENESAS-F2934_V01 Datasheet
1Mb / 21P
High Reliability SP2T RF Switch 50MHz to 6000MHz
Apr 28, 2021
ISL71934M RENESAS-ISL71934M Datasheet
2Mb / 17P
Radiation Tolerant SP2T RF Switch, 50MHz to 6000MHz
Feb 24, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com