Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F2913 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # F2913
Description  High Isolation SP2T RF Switch 50MHz to 6000MHz
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2913 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button F2913 Datasheet HTML 2Page - Renesas Technology Corp F2913 Datasheet HTML 3Page - Renesas Technology Corp F2913 Datasheet HTML 4Page - Renesas Technology Corp F2913 Datasheet HTML 5Page - Renesas Technology Corp F2913 Datasheet HTML 6Page - Renesas Technology Corp F2913 Datasheet HTML 7Page - Renesas Technology Corp F2913 Datasheet HTML 8Page - Renesas Technology Corp F2913 Datasheet HTML 9Page - Renesas Technology Corp F2913 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
F2913 Datasheet
© 2017–2023 Renesas Electronics Corporation
6
February 8, 2023
Electrical Characteristics
Table 5.
Electrical Characteristics
See F2913 Typical Application Circuit. Specifications apply when operated with VDD = +3.3V, TEP = +25°C, ZS = ZL = 50Ω, RF signals applied
at RF1 or RF2 and measured at RFC, Evaluation Board trace and connector losses are de-embedded, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Return Loss RF1, RF2 [c]
Terminated State, All Off State
RL3
50MHz ≤ fRF ≤ 4GHz
20.3
dB
4GHz < fRF ≤ 6GHz
19.3
Return Loss RFC [c]
All Off State
RL4
50MHz ≤ fRF ≤ 4GHz
17.5
dB
4GHz < fRF ≤ 6GHz
15.3
Input IP2
(RF1, RF2 to RFC)
IIP2
f1 = 2.55GHz
f2 = 2.65GHz
PIN = +20dBm/tone
Measure 5.2GHz product
115
dBm
Input IP3
(RF1, RF2 to RFC)
IIP3
f1 = 2.55GHz
f2 = 2.65GHz
PIN = +13dBm/tone
Measure 2.75GHz product
60 [b]
65
dBm
Input 1dB Compression [d]
IP1dB
fRF = 50MHz
35
37
dBm
fRF = 100MHz
35
37
fRF = 2400MHz
34
36
fRF = 6000MHz
34
36
Spurious Output
(No RF Applied) [e]
PSPUR
All unused ports terminated
RBW = 100Hz
-127
-120
dBm
Insertion Loss Flatness
ILFLAT
Any 400MHz range
0.1
0.2
dB
Group Delay
GD
0.05
ns
Switching Time [f]
SWTIME
50% control to 90% RF
155
230
ns
50% control to 10% RF
142
200
50% control to 99% RF
234
300
50% control to 1% RF
205
265
Switching Rate
SWRATE
25
kHz
a. Items in min/max columns in bold italics are guaranteed by test.
b. Items in min/max columns that are not bold italics are guaranteed by design characterization.
c. Return loss includes mismatch effects of Evaluation Kit PCB and RF connectors.
d. The input 1 dB compression point is a linearity figure of merit. Refer to Figure 3 for the maximum RF operating input
power levels.
e. Spurious due to on-chip negative voltage generator. Typical generator fundamental frequency is 2.2MHz.
f. Measured at fRF = 1GHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com