Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP738376SIMF Datasheet(PDF) 27 Page - Microchip Technology

Part # MCP738376SIMF
Description  Advanced Stand-Alone Li-Ion / Li-Polymer Battery Charge Management Controller with Autonomous AC-Adapter or USB-Port Source Selection
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP738376SIMF Datasheet(HTML) 27 Page - Microchip Technology

Back Button MCP738376SIMF Datasheet HTML 22Page - Microchip Technology MCP738376SIMF Datasheet HTML 23Page - Microchip Technology MCP738376SIMF Datasheet HTML 24Page - Microchip Technology MCP738376SIMF Datasheet HTML 25Page - Microchip Technology MCP738376SIMF Datasheet HTML 26Page - Microchip Technology MCP738376SIMF Datasheet HTML 27Page - Microchip Technology MCP738376SIMF Datasheet HTML 28Page - Microchip Technology MCP738376SIMF Datasheet HTML 29Page - Microchip Technology MCP738376SIMF Datasheet HTML 30Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
© 2007 Microchip Technology Inc.
DS22071A-page 27
MCP73837/8
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
* Operational Output Options
Device:
MCP73837: 1A Fully Integrated Charger,
PG function on pin 8
MCP73837T: 1A Fully Integrated Charger,
PG function on pin 8
(Tape and Reel)
MCP73838: 1A Fully Integrated Charger,
TE function on pin 8
MCP73838T: 1A Fully Integrated Charger,
TE function on pin 8
(Tape and Reel)
Output Options * *
* Refer to table below for different operational options.
* * Consult Factory for Alternative Device Options.
Temperature:
I
= -40
°C to +85°C
Package Type:
MF = Plastic Dual Flat No Lead (DFN)
(3x3x0.9 mm Body), 10-lead
UN = Plastic Micro Small Outline Package (MSOP***),
10-lead
PART NO.
XX
Output
Device
Options*
X/
Temp.
XX
Package
Examples: * *
a)
MCP73837-FCI/UN: 10-lead MSOP pkg.
b)
MCP73837-FJI/UN: 10-lead MSOP pkg.
c)
MCP73837-NVI/UN: 10-lead MSOP pkg.
d)
MCP73837-FCI/MF: 10-lead DFN pkg.
e)
MCP73837-FJI/MF: 10-lead DFN pkg.
f)
MCP73837-NVI/MF: 10-lead DFN pkg.
a)
MCP73838-FCI/UN: 10-lead MSOP pkg.
b)
MCP73838-FJI/UN: 10-lead MSOP pkg.
c)
MCP73838-NVI/UN: 10-lead MSOP pkg.
d)
MCP73838-FCI/MF: 10-lead DFN pkg.
e)
MCP73838-FJI/MF: 10-lead DFN pkg.
f)
MCP73838-NVI/MF: 10-lead DFN pkg.
* * Consult Factory for Alternative Device Options
Output Options
VREG
IPREG/IREG
VPTH/VREG
ITERM/IREG
VRTH/VREG
Timer Period
AM
4.20V
10%
71.5%
7.5%
96.5%
0 hours
BZ
4.20V
100%
N/A
7.5%
96.5%
0 hours
FC
4.20V
10%
71.5%
7.5%
96.5%
6 hours
GP
4.20V
100%
N/A
7.5%
96.5%
6 hours
G8
4.20V
10%
71.5%
7.5%
96.5%
8 hours
NV
4.35V
10%
71.5%
7.5%
96.5%
6 hours
YA
4.40V
10%
71.5%
7.5%
96.5%
6 hours
6S
4.50V
10%
71.5%
7.5%
96.5%
6 hours
B6
4.20V
10%
66.5%
5.0%
96.5%
4 hours
CN
4.20V
10%
71.5%
20%
94%
4 hours
* * Consult Factory for Alternative Device Options.
* * * Consult Factory for MSOP Package Availability



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com