Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP738376SIMF Datasheet(PDF) 19 Page - Microchip Technology

Part # MCP738376SIMF
Description  Advanced Stand-Alone Li-Ion / Li-Polymer Battery Charge Management Controller with Autonomous AC-Adapter or USB-Port Source Selection
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP738376SIMF Datasheet(HTML) 19 Page - Microchip Technology

Back Button MCP738376SIMF Datasheet HTML 15Page - Microchip Technology MCP738376SIMF Datasheet HTML 16Page - Microchip Technology MCP738376SIMF Datasheet HTML 17Page - Microchip Technology MCP738376SIMF Datasheet HTML 18Page - Microchip Technology MCP738376SIMF Datasheet HTML 19Page - Microchip Technology MCP738376SIMF Datasheet HTML 20Page - Microchip Technology MCP738376SIMF Datasheet HTML 21Page - Microchip Technology MCP738376SIMF Datasheet HTML 22Page - Microchip Technology MCP738376SIMF Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
© 2007 Microchip Technology Inc.
DS22071A-page 19
MCP73837/8
5.2.2
USB-PORT CURRENT
REGULATION SELECT (PROG2)
For the MCP73837/8, driving the PROG2 input to a
logic Low selects the low charge current setting
(maximum 100 mA). Driving the PROG2 input to a logic
High selects the high charge current setting (maximum
500 mA).
TABLE 5-1:
STATUS OUTPUTS
5.2.3
POWER GOOD (PG) OPTION
The power good (PG) option is a pseudo open-drain
output. The PG output can sink current, but not source
current. However, there is a diode path back to the
input, and as such, the output should be pulled up only
to the input. The PG output is low whenever the input
to the MCP73837 is above the UVLO threshold and
greater than the battery voltage. If the supply voltage is
above the UVLO, but below VREG(typical)+0.3V, the
MCP73837 will pulse the PG output as the device
determines if a battery is present. The PG option is
available only on MCP73837.
5.2.4
TIMER ENABLE (TE) OPTION
The timer enable (TE) input option is used to enable or
disable the internal timer. A low signal on this pin
enables the internal timer and a high signal disables
the internal timer. The TE input can be used to disable
the timer when the charger is supplying current to
charge the battery and power the system load. The TE
input is compatible with 1.8V logic. The TE option is
available only on MCP73838.
5.2.5
DEVICE DISABLE (PROG1/2)
The current regulation set input pin (PROG1/2) can be
used to terminate a charge at any time during the
charge cycle, as well as to initiate a charge cycle or to
initiate a recharge cycle. Placing a programming
resistor from the PROG1/2 input to VSS enables the
device. Allowing the PROG1/2 input to float or applying
a logic-high input signal, disables the device and
terminates a charge cycle. When disabled, the device’s
supply current is reduced to 75 µA, typically.
CHARGE CYCLE STATE
STAT1
STAT2
PG
Shutdown
Hi-Z
Hi-Z
Hi-Z
Standby
Hi-Z
Hi-Z
L
Preconditioning
L
Hi-Z
L
Constant Current
L
Hi-Z
L
Constant Voltage
L
Hi-Z
L
Charge Complete - Standby
Hi-Z
L
L
Temperature Fault
Hi-Z
Hi-Z
L
Timer Fault
Hi-Z
Hi-Z
L
System Test Mode
L
L
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com