Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP738376SIMF Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP738376SIMF
Description  Advanced Stand-Alone Li-Ion / Li-Polymer Battery Charge Management Controller with Autonomous AC-Adapter or USB-Port Source Selection
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP738376SIMF Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP738376SIMF Datasheet HTML 6Page - Microchip Technology MCP738376SIMF Datasheet HTML 7Page - Microchip Technology MCP738376SIMF Datasheet HTML 8Page - Microchip Technology MCP738376SIMF Datasheet HTML 9Page - Microchip Technology MCP738376SIMF Datasheet HTML 10Page - Microchip Technology MCP738376SIMF Datasheet HTML 11Page - Microchip Technology MCP738376SIMF Datasheet HTML 12Page - Microchip Technology MCP738376SIMF Datasheet HTML 13Page - Microchip Technology MCP738376SIMF Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
MCP73837/8
DS22071A-page 10
© 2007 Microchip Technology Inc.
Note: Unless otherwise indicated, VDD = [VREG(typical) + 1V], IOUT = 30 mA and TA= +25°C, Constant-voltage mode.
FIGURE 2-13:
Charge Current (IOUT) vs.
Junction Temperature (TJ).
FIGURE 2-14:
Charge Current (IOUT) vs.
Junction Temperature (TJ).
FIGURE 2-15:
Thermistor Current (ITHERM)
vs. Supply Voltage (VDD).
FIGURE 2-16:
Thermistor Current (ITHERM)
vs. Ambient Temperature (TA).
FIGURE 2-17:
Power Supply Ripple
Rejection (PSRR).
FIGURE 2-18:
Power Supply Ripple
Rejection (PSRR).
0
50
100
150
200
250
300
350
400
450
500
550
600
Junction Temperature (°C)
RPROG = 2 kΩ
0
10
20
30
40
50
60
70
80
90
100
110
120
Junction Temperature (°C)
RPROG = 10 kΩ
47.0
47.5
48.0
48.5
49.0
49.5
50.0
50.5
51.0
51.5
52.0
4.5
4.8
5.0
5.3
5.5
5.8
6.0
Supply Voltage (V)
Temp = +25°C
47.0
47.5
48.0
48.5
49.0
49.5
50.0
50.5
51.0
51.5
52.0
Ambient Temperature (°C)
VDD = 5.2V
-70
-60
-50
-40
-30
-20
-10
0
0.01
0.1
1
10
100
1000
Frequency (kHz)
IOUT = 10 mA
COUT = 4.7 µF
-70
-60
-50
-40
-30
-20
-10
0
0.01
0.1
1
10
100
1000
Frequency (kHz)
IOUT = 100 mA
COUT = 4.7 µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com