Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP738376SIMF Datasheet(PDF) 20 Page - Microchip Technology

Part # MCP738376SIMF
Description  Advanced Stand-Alone Li-Ion / Li-Polymer Battery Charge Management Controller with Autonomous AC-Adapter or USB-Port Source Selection
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP738376SIMF Datasheet(HTML) 20 Page - Microchip Technology

Back Button MCP738376SIMF Datasheet HTML 16Page - Microchip Technology MCP738376SIMF Datasheet HTML 17Page - Microchip Technology MCP738376SIMF Datasheet HTML 18Page - Microchip Technology MCP738376SIMF Datasheet HTML 19Page - Microchip Technology MCP738376SIMF Datasheet HTML 20Page - Microchip Technology MCP738376SIMF Datasheet HTML 21Page - Microchip Technology MCP738376SIMF Datasheet HTML 22Page - Microchip Technology MCP738376SIMF Datasheet HTML 23Page - Microchip Technology MCP738376SIMF Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
MCP73837/8
DS22071A-page 20
© 2007 Microchip Technology Inc.
6.0
APPLICATIONS
The MCP73837/8 devices are designed to operate in
conjunction with a host microcontroller or in stand-
alone applications. The MCP73837/8 devices provide
the preferred charge algorithm for Lithium-Ion and
Lithium-Polymer cells Constant-current followed by
Constant-voltage. Figure 6-1 depicts a typical stand-
alone MCP73837 application circuit, while Figure 6-2
and Figure 6-3 depict the accompanying charge
profile.
FIGURE 6-1:
MCP73837 Typical Stand-Alone Application Circuit.
FIGURE 6-2:
Typical Charge Profile
(1200 mAh Li-Ion Battery).
FIGURE 6-3:
Typical Charge Profile in
Thermal Regulation (1200 mAh Li-Ion Battery).
6.1
Application Circuit Design
Due to the low efficiency of linear charging, the most
important factors are thermal design and cost, which
are a direct function of the input voltage, output current,
and thermal impedance between the battery charger
and the ambient cooling air. The worst-case situation is
when
the
device
has
transitioned
from
the
Preconditioning mode to the Constant Current mode. In
this situation, the battery charger has to dissipate the
maximum power. A trade-off must be made between
the charge current, cost, and thermal requirements of
the charger.
6.1.1
COMPONENT SELECTION
Selection of the external components in Figure 6-1 is
crucial to the integrity and reliability of the charging
system. The following discussion is intended as a guide
for the component selection process.
6.1.1.1
Charge Current
The preferred fast charge current for Lithium-Ion cells
should always follow references and guidance from
battery manufacturers. For example, programming
700 mA fast charge current for a 1000 mAh Li-Ion
battery pack if its preferred fast charge rate is 0.7C.
This will result the shortest charge cycle time without
degradation a battery's life and performance.
6.1.1.2
Thermal Considerations
The worst-case power dissipation in the battery
charger occurs when the input voltage is at the
maximum and the device has transitioned from the
Preconditioning mode to the Constant-current mode. In
this case, the power dissipation is:
STAT1
V
AC
V
SS
/PG
V
BAT
Single
Li-Ion
Cell
4
MCP73837
5
3
1
2
STAT2
THERM
V
USB
PROG1
PROG2
USB Port
6
7
Hi
Low
Thermsitor
R
PROG
8
9
10
1
ΚΩ
1
ΚΩ
1
ΚΩ
REGULATED
WALL CUBE
C
IN1
C
IN2
C
OUT
0.0
1.0
2.0
3.0
4.0
5.0
Time (Minutes)
0
0.2
0.4
0.6
0.8
1
1.2
VDD = 5.2V
RPROG = 1 kΩ
1200 mAh Li-Ion Battery
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0123456789
10
Time (Minutes)
0
0.3
0.6
0.9
1.2
VDD = 5.2V
RPROG = 1 kΩ
1200 mAh Li-Ion Battery



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com