Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP738376SIMF Datasheet(PDF) 15 Page - Microchip Technology

Part # MCP738376SIMF
Description  Advanced Stand-Alone Li-Ion / Li-Polymer Battery Charge Management Controller with Autonomous AC-Adapter or USB-Port Source Selection
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP738376SIMF Datasheet(HTML) 15 Page - Microchip Technology

Back Button MCP738376SIMF Datasheet HTML 11Page - Microchip Technology MCP738376SIMF Datasheet HTML 12Page - Microchip Technology MCP738376SIMF Datasheet HTML 13Page - Microchip Technology MCP738376SIMF Datasheet HTML 14Page - Microchip Technology MCP738376SIMF Datasheet HTML 15Page - Microchip Technology MCP738376SIMF Datasheet HTML 16Page - Microchip Technology MCP738376SIMF Datasheet HTML 17Page - Microchip Technology MCP738376SIMF Datasheet HTML 18Page - Microchip Technology MCP738376SIMF Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
© 2007 Microchip Technology Inc.
DS22071A-page 15
MCP73837/8
4.0
DEVICE OVERVIEW
The MCP73837/8 devices are simple, yet fully integrated linear charge management controllers. Figure 4-1 depicts the
operational flow algorithm.
FIGURE 4-1:
Flow Chart.
SHUTDOWN MODE*
V
DD
<
V
BAT -100 mV
V
DD < VSTOP
STAT1 = Hi-Z
STAT2 = Hi-Z
PG = Hi-Z
PRECONDITIONING MODE
Charge Current = I
PREG
STAT1 = LOW
STAT2 = Hi-Z
PG = LOW
Timer Reset
FAST CHARGE MODE
Charge Current = I
REG
STAT1 = LOW
STAT2 = Hi-Z
PG = LOW
Timer Enabled
CONSTANT VOLTAGE MODE
Charge Voltage = V
REG
STAT1 = LOW
STAT2 = Hi-Z
PG = LOW
V
BAT
> V
PTH
V
BAT
= V
REG
V
BAT
< V
RTH
V
BAT
> V
PTH
CHARGE COMPLETE MODE
No Charge Current
STAT1 = Hi-Z
STAT2 = LOW
PG = LOW
I
BAT
< I
TERM
Timer Expired
V
BAT
< V
PTH
STANDBY MODE *
V
BAT
> (V
REG
+100 mV)
PROG > 200k
Ω
STAT1 = Hi-Z
STAT2 = Hi-Z
PG = LOW
* Continuously Monitored
TEMPERATURE FAULT
No Charge Current
STAT1 = Hi-Z
STAT2 = Hi-Z
PG = LOW
Timer Suspended
SYSTEM TEST (LDO) MODE
V
THERM
> (V
DD
-100 mV)
STAT1 = LOW
STAT2 = LOW
PG = LOW
Timer Suspended
TIMER FAULT
No Charge Current
STAT1 = Hi-Z
STAT2 = Hi-Z
PG = LOW
Timer Suspended
Timer Expired



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com