Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCZP Datasheet(PDF) 9 Page - Linear Technology

Part # LCZP
Description  16-/14-/12-Bit VOUT DACs in 3mm 횞 3mm DFN
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LCZP Datasheet(HTML) 9 Page - Linear Technology

Back Button LCZP Datasheet HTML 5Page - Linear Technology LCZP Datasheet HTML 6Page - Linear Technology LCZP Datasheet HTML 7Page - Linear Technology LCZP Datasheet HTML 8Page - Linear Technology LCZP Datasheet HTML 9Page - Linear Technology LCZP Datasheet HTML 10Page - Linear Technology LCZP Datasheet HTML 11Page - Linear Technology LCZP Datasheet HTML 12Page - Linear Technology LCZP Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LTC2641/LTC2642
9
26412f
PIN FUNCTIONS
LTC2641
REF (Pin 1): Reference Voltage Input. Apply an external
reference at REF between 2V and VDD.
⎯C⎯S (Pin 2): Serial Interface Chip Select/Load Input. When
⎯C⎯S is low, SCLK is enabled for shifting in data on DIN.
When
⎯C⎯S is taken high, SCLK is disabled, the 16-bit input
word is latched and the DAC is updated.
SCLK (Pin 3): Serial Interface Clock Input. CMOS and
TTL compatible.
DIN (Pin 4): Serial Interface Data Input. Data is applied
to DIN for transfer to the device at the rising edge of
SCLK.
⎯C⎯L⎯R (Pin 5): Asynchronous Clear Input. A logic low clears
the DAC to code 0.
VOUT (Pin 6): DAC Output Voltage. The output range is
0V to VREF.
VDD (Pin 7): Supply Voltage. Set between 2.7V and
5.5V.
GND (Pin 8): Circuit Ground.
Exposed Pad (DFN Pin 9): Circuit Ground. Must be sol-
dered to PCB ground.
LTC2642
REF (Pin 1): Reference Voltage Input. Apply an external
reference at REF between 2V and VDD.
⎯C⎯S (Pin 2): Serial Interface Chip Select/Load Input. When
⎯C⎯S is low, SCLK is enabled for shifting in data on DIN.
When
⎯C⎯S is taken high, SCLK is disabled, the 16-bit input
word is latched and the DAC is updated
SCLK (Pin 3): Serial Interface Clock Input. CMOS and
TTL compatible.
DIN (Pin 4): Serial Interface Data Input. Data is applied
to DIN for transfer to the device at the rising edge of
SCLK.
⎯C⎯L⎯R (Pin 5): Asynchronous Clear Input. A logic low clears
the DAC to midscale.
VOUT (Pin 6): DAC Output Voltage. The output range is
0V to VREF.
INV (Pin 7): Center Tap of Internal Scaling Resistors.
Connect to an external amplifier’s inverting input in bipolar
mode.
RFB (Pin 8): Feedback Resistor. Connect to an external
amplifier’s output in bipolar mode. The bipolar output
range is –VREF to VREF.
VDD (Pin 9): Supply Voltage. Set between 2.7V and
5.5V.
GND (Pin 10): Circuit Ground.
Exposed Pad (DFN Pin 11): Circuit Ground. Must be
soldered to PCB ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com