Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCZP Datasheet(PDF) 2 Page - Linear Technology

Part # LCZP
Description  16-/14-/12-Bit VOUT DACs in 3mm 횞 3mm DFN
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LCZP Datasheet(HTML) 2 Page - Linear Technology

  LCZP Datasheet HTML 1Page - Linear Technology LCZP Datasheet HTML 2Page - Linear Technology LCZP Datasheet HTML 3Page - Linear Technology LCZP Datasheet HTML 4Page - Linear Technology LCZP Datasheet HTML 5Page - Linear Technology LCZP Datasheet HTML 6Page - Linear Technology LCZP Datasheet HTML 7Page - Linear Technology LCZP Datasheet HTML 8Page - Linear Technology LCZP Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTC2641/LTC2642
2
26412f
ABSOLUTE MAXIMUM RATINGS
VDD to GND.................................................. –0.3V to 6V
⎯C⎯S, SCLK, DIN,
⎯C⎯L⎯R to GND ........................–0.3V to (V
DD + 0.3V) or 6V
REF, VOUT, INV to GND ........ –0.3V to (VDD + 0.3V) or 6V
RFB to INV....................................................... –6V to 6V
RFB to GND ..................................................... –6V to 6V
(Note 1)
LTC2641
TOP VIEW
9
DD PACKAGE
8-LEAD (3mm
× 3mm) PLASTIC DFN
5
6
7
8
4
3
2
1
REF
CS
SCLK
DIN
GND
VDD
VOUT
CLR
TJMAX = 125°C (NOTE 2), θJA = 43°C/W
EXPOSED PAD (PIN 9) IS GND, MUST BE SOLDERED TO PCB
1
2
3
4
REF
CS
SCLK
DIN
8
7
6
5
GND
VDD
VOUT
CLR
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
TJMAX = 125°C (NOTE 2), θJA = 200°C/W
LTC2642
TOP VIEW
11
DD PACKAGE
10-LEAD (3mm
× 3mm) PLASTIC DFN
10
9
6
7
8
4
5
3
2
1
GND
VDD
RFB
INV
VOUT
REF
CS
SCLK
DIN
CLR
TJMAX = 125°C (NOTE 2), θJA = 43°C/W
EXPOSED PAD (PIN 11) IS GND, MUST BE SOLDERED TO PCB
1
2
3
4
5
REF
CS
SCLK
DIN
CLR
10
9
8
7
6
GND
VDD
RFB
INV
VOUT
TOP VIEW
MS PACKAGE
10-LEAD PLASTIC MSOP
TJMAX = 125°C (NOTE 2), θJA = 120°C/W
PIN CONFIGURATION
Operating Temperature Range
LTC2641C/LTC2642C............................... 0°C to 70°C
LTC2641I/LTC2642I ............................. –40°C to 85°C
Maximum Junction Temperature .......................... 125°C
Storage Temperature Range................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com