Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCZP Datasheet(PDF) 11 Page - Linear Technology

Part # LCZP
Description  16-/14-/12-Bit VOUT DACs in 3mm 횞 3mm DFN
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LCZP Datasheet(HTML) 11 Page - Linear Technology

Back Button LCZP Datasheet HTML 7Page - Linear Technology LCZP Datasheet HTML 8Page - Linear Technology LCZP Datasheet HTML 9Page - Linear Technology LCZP Datasheet HTML 10Page - Linear Technology LCZP Datasheet HTML 11Page - Linear Technology LCZP Datasheet HTML 12Page - Linear Technology LCZP Datasheet HTML 13Page - Linear Technology LCZP Datasheet HTML 14Page - Linear Technology LCZP Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LTC2641/LTC2642
11
26412f
OPERATION
The digital-to-analog transfer function at the VOUT pin
is:
V
k
V
OUT IDEAL
N
REF
() =
⎛
⎝⎜
⎞
⎠⎟
2
where k is the decimal equivalent of the binary DAC input
code, N is the resolution, and VREF is between 2.0V and
VDD (see Tables 1a, 1b and 1c).
The LTC2642 includes matched resistors that are tied to
an external amplifier to provide bipolar output swing (Fig-
ure 2). The bipolar transfer function at the RFB pin is:
VV
k
OUT BIPOLAR IDEAL
REF
N
_(
)
–
–
=
⎛
⎝⎜
⎞
⎠⎟
2
1
1
(see Tables 2a, 2b and 2c).
Serial Interface
The LTC2641/LTC2642 communicates via a standard
3-wire SPI/QSPI/MICROWIRE compatible interface. The
chip select input (
⎯C⎯S) controls and frames the loading
of serial data from the data input (DIN). Following a
⎯C⎯S
high-to-low transition, the data on DIN is loaded, MSB
first, into the shift register on each rising edge of the serial
clock input (SCLK). After 16 data bits have been loaded
into the serial input register, a low-to-high transition on
⎯C⎯S
transfers the data to the 16-bit DAC latch, updating the DAC
output (see Figures 1a, 1b, 1c). While
⎯C⎯S remains high,
the serial input shift register is disabled. If there are less
than 16 low-to-high transitions on SCLK while
⎯C⎯S remains
low, the data will be corrupted, and must be reloaded.
Also, if there are more than 16 low-to-high transitions
on SCLK while
⎯C⎯S remains low, only the last 16 data bits
loaded from DIN will be transferred to the DAC latch. For
the 14-bit DACs, (LTC2641-14/LTC2642-14), the MSB
remains in the same (left-justified) position in the input
16-bit data word. Therefore, two “don’t-care” bits must
be loaded after the LSB, to make up the required 16 data
bits (Figure 1b). Similarly, for the 12-bit family members
(LTC2641-12/LTC2642-12) four “don’t-care” bits must
follow the LSB (Figure 1c).
D15
MSB
1
CS
SCLK
DIN
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
D14
D13
D12
D11
D10
D9
D8
DATA (16 BITS)
D7
D6
D5
D4
D3
D2
D1
D0
DAC
UPDATED
LSB
26412 F01a
D13
MSB
1
CS
SCLK
DIN
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
D12
D11
D10
D9
D8
D7
D6
DATA (14 BITS + 2 DON’T-CARE BITS)
D5
D4
D3
D2
D1
D0
X
X
DAC
UPDATED
LSB
26412 F01b
MSB
1
CS
SCLK
DIN
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
D11
D10
D9
D8
D7
D6
DATA (12 BITS + 4 DON’T-CARE BITS)
D5
D4
D3
D2
D1
D0
X
X
X
X
DAC
UPDATED
LSB
26412 F01c
Figure 1c. 12-Bit Timing Diagram (LTC2641-12/LTC2642-12)
Figure 1b. 14-Bit Timing Diagram (LTC2641-14/LTC2642-14)
Figure 1a. 16-Bit Timing Diagram (LTC2641-16/LTC2642-16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com