Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCZP Datasheet(PDF) 17 Page - Linear Technology

Part # LCZP
Description  16-/14-/12-Bit VOUT DACs in 3mm 횞 3mm DFN
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LCZP Datasheet(HTML) 17 Page - Linear Technology

Back Button LCZP Datasheet HTML 12Page - Linear Technology LCZP Datasheet HTML 13Page - Linear Technology LCZP Datasheet HTML 14Page - Linear Technology LCZP Datasheet HTML 15Page - Linear Technology LCZP Datasheet HTML 16Page - Linear Technology LCZP Datasheet HTML 17Page - Linear Technology LCZP Datasheet HTML 18Page - Linear Technology LCZP Datasheet HTML 19Page - Linear Technology LCZP Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
LTC2641/LTC2642
17
26412f
Digital Inputs and Interface Logic
All of the digital inputs include Schmitt-trigger buffers
to accept slow transition interfaces. This means that op-
tocuplers can interface directly to the LTC2641/LTC2642
without additional external logic. Digital input hysteresis
is typically 150mV.
The digital inputs are compatible with TTL/CMOS-logic
levels. However, rail-to-rail (CMOS) logic swings are
preferred, because operating the logic inputs away from
the supply rails generates additional IDD and GND current,
(see Typical Performance Characteristic graph Supply
Current vs Logic Input Voltage).
Digital feedthrough is only 0.2nV•s typical, but it is always
preferred to keep all logic inputs static except when loading
a new code into the DAC.
Board Layout for Precision
Even a small amount of board leakage can degrade ac-
curacy. The 6nA leakage current into VOUT needed to
generate 1LSB offset error corresponds to 833M
Ωleakage
resistance from a 5V supply.
The VOUT node is relatively sensitive to capacitive noise
coupling, so minimum trace length, appropriate shielding
and clean board layout are imperative here.
Temperature differences at the DAC, op amp or reference
pins can easily generate tens of microvolts of thermo-
couple voltages. Analog signal traces should be short,
close together and away from heat dissipating compo-
nents. Air currents across the board can also generate
thermocouples.
The PC board should have separate areas for the analog and
digital sections of the circuit. A single, solid ground plane
should be used, with analog and digital signals carefully
routed over separate areas of the plane. This keeps digital
signals away from sensitive analog signals and minimizes
the interaction between digital ground currents and the
analog section of the ground plane.
A “star ground” area should be established by attaching
the LTC2641/LTC2642 GND pin, VREF GND and the DAC
VOUT GND reference terminal to the same area on the GND
plane. Care should be taken to ensure that no large GND
return current paths flow through the “star GND” area. In
particular, the resistance from the LTC2641 GND pin to the
point where the VREF input source connects to the ground
plane should be as low as possible. Excessive resistance
here will be multiplied by the code dependent IREF current
to produce an INL error similar to the error produced by
VREF source resistance.
Sources of ground return current in the analog area include
op amp power supply bypass capacitors and the GND
connection for single supply amps. A useful technique
for minimizing errors is to use a separate board layer
for power ground return connections, and reserve one
ground plane layer for low current “signal” GND connec-
tions. The “signal”, or “star” GND plane must connected
to the “power” GND plane at a single point, which should
be located near the LTC2641/LTC2642 GND pin.
If separate analog and digital ground areas exist it is neces-
sary to connect them at a single location, which should be
fairly close to the DAC for digital signal integrity. In some
systems, large GND return currents can flow between the
digital and analog GNDs, especially if different PC boards
are involved. In such cases the digital and analog ground
connection point should not be made right at the “star”
GND area, so the highly sensitive analog signals are not
corrupted. If forced to choose, always place analog ground
quality ahead of digital signal ground. (A few mV of noise
on the digital inputs is imperceptible, thanks to the digital
input hysteresis)
Just by maintaining separate areas on the GND plane
where analog and digital return currents naturally flow,
good results are generally achieved. Only after this has
been done, it is sometimes useful to interrupt the ground
plane with strategically placed “slots”, to prevent the digital
ground currents from fringing into the analog portion of
the plane. When doing this, the gap in the plane should be
only as long as it needs to be to serve its purpose.
Caution: if a GND plane gap is improperly placed, so that
it interrupts a significant GND return path, or if a signal
traces crosses over the gap, then adding the gap may
greatly degrade performance! In this case, the GND and
signal return currents are forced to flow the long way
around the gap, and then are typically channeled directly
into the most sensitive area of the analog GND plane.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com