Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCZP Datasheet(PDF) 10 Page - Linear Technology

Part # LCZP
Description  16-/14-/12-Bit VOUT DACs in 3mm 횞 3mm DFN
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LCZP Datasheet(HTML) 10 Page - Linear Technology

Back Button LCZP Datasheet HTML 6Page - Linear Technology LCZP Datasheet HTML 7Page - Linear Technology LCZP Datasheet HTML 8Page - Linear Technology LCZP Datasheet HTML 9Page - Linear Technology LCZP Datasheet HTML 10Page - Linear Technology LCZP Datasheet HTML 11Page - Linear Technology LCZP Datasheet HTML 12Page - Linear Technology LCZP Datasheet HTML 13Page - Linear Technology LCZP Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LTC2641/LTC2642
10
26412f
BLOCK DIAGRAMS
16-BIT DATA LATCH
CONTROL
LOGIC
16-/14-/12-BIT DAC
VDD
REF
VOUT
GND
2641 BD
16-BIT SHIFT REGISTER
POWER-ON
RESET
LTC2641-16
LTC2641-14
LTC2641-12
CS
SCLK
DIN
CLR
6
8
5
4
3
2
1
7
16-BIT DATA LATCH
CONTROL
LOGIC
16-/14-/12-BIT DAC
INV
RFB
VDD
REF
VOUT
GND
2642 BD
16-BIT SHIFT REGISTER
POWER-ON
RESET
LTC2642-16
LTC2642-14
LTC2642-12
CS
SCLK
DIN
CLR
8
7
6
10
5
4
3
2
1
9
LTC2641
LTC2642
TIMING DIAGRAM
t1
SCK
SDI
CS/LD
t5
t7
t2
t6
t8
26412 TD
12
3
15
16
t3
t4
OPERATION
General Description
The LTC2641/LTC2642 family of 16-/14-/12-bit voltage
output DACs offer full 16-bit performance with less than
±2LSB integral linearity error and less than ±1LSB differen-
tial linearity error, guaranteeing monotonic operation. They
operate from a single supply ranging from 2.7V to 5.5V,
consuming 120μA (typical). An external voltage reference
of 2V to VDD determines the DAC’s full-scale output volt-
age. A 3-wire serial interface allows the LTC2641/LTC2642
to fit into a small 8-/10-pin MSOP or DFN 3mm
× 3mm
package.
Digital-to-Analog Architecture
The DAC architecture is a voltage switching mode resis-
tor ladder using precision thin-film resistors and CMOS
switches. The LTC2641/LTC2642 DAC resistor ladders are
composed of a proprietary arrangement of matched DAC
sections. The four MSBs are decoded to drive 15 equally
weighted segments, and the remaining lower bits drive
successively lower weighted sections. Major carry glitch
impulse is very low at 500pV•sec, CL = 10pF, ten times
lower than previous DACs of this type.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com