Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD-500A-R-T Datasheet(PDF) 10 Page - Bourns Electronic Solutions

Part # SSD-500A-R-T
Description  SSD Series – Riedon™ Digital Current Sensor with RS485/MODBUS Interface by Bourns
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SSD-500A-R-T Datasheet(HTML) 10 Page - Bourns Electronic Solutions

Back Button SSD-500A-R-T Datasheet HTML 6Page - Bourns Electronic Solutions SSD-500A-R-T Datasheet HTML 7Page - Bourns Electronic Solutions SSD-500A-R-T Datasheet HTML 8Page - Bourns Electronic Solutions SSD-500A-R-T Datasheet HTML 9Page - Bourns Electronic Solutions SSD-500A-R-T Datasheet HTML 10Page - Bourns Electronic Solutions SSD-500A-R-T Datasheet HTML 11Page - Bourns Electronic Solutions SSD-500A-R-T Datasheet HTML 12Page - Bourns Electronic Solutions SSD-500A-R-T Datasheet HTML 13Page - Bourns Electronic Solutions SSD-500A-R-T Datasheet HTML 14Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
SSD Series – Riedon™ Digital Current Sensor with RS485/MODBUS Interface by Bourns
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
SSD Interface Manual (continued)
MODBUS RTU
The following two tables show the locations of the SSD Input and Holding Registers.
See the standard RS485 commands for detailed descriptions of each register.
Modbus Poll files are available for easy setup as shown below.
MODBUS Input Registers
0
Current
0
1
–
2
Temperature
0
3
–
4
Bus Voltage
0
5
–
6
Charge
0
7
–
8
–
9
–
10
Power
0
11
–
12
Energy
0
13
–
14
–
15
–
16
Errors
0000 0000 0000 0000
17
Firmware Version
0x0204
18
Serial Number
1234
19
–
20
Restart Causes
0x0000
MODBUS Holding Registers
0
RESET (Write Only)
0x0000
1
ADDRESS
1
2
SETMODE
0x0006
3
A2D CONFIG
0x335C
4
BAUD RATE
3
5
Read Delay (ms)
1000
6
Current Under Limit (A)
0
7
Current Over Limit (A)
0
8
Temperature Over Limit (°C)
125
9
VBUS Under Limit (V)
0
10
VBUS Over Limit (V)
0
11
Power Over Limit (W)
0
12
–
13
Shunt Nano-Ohms
120000
14
–
15
Current Offset (mA)
0
16
Vbus Factor
10000
17
Vbus Offset (mV)
0
18
Temp Offset (0.1 °C)
0
19
TC0
50000
20
TC1
0
21
–
22
TC2
0
23
–
24
Reserved
0
25
–
MODBUS registers larger than 16 bits have a little-endian byte
swap format.
The sensor does not respond to broadcast messages on
address Ø.
NOTE: No settings are saved until a save settings to EEPROM command is issued!
Power cycling will restore previous settings. Write 0x0F to Holding Register 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com