Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD-500A-R-T Datasheet(PDF) 17 Page - Bourns Electronic Solutions

Part # SSD-500A-R-T
Description  SSD Series – Riedon™ Digital Current Sensor with RS485/MODBUS Interface by Bourns
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SSD-500A-R-T Datasheet(HTML) 17 Page - Bourns Electronic Solutions

Back Button SSD-500A-R-T Datasheet HTML 13Page - Bourns Electronic Solutions SSD-500A-R-T Datasheet HTML 14Page - Bourns Electronic Solutions SSD-500A-R-T Datasheet HTML 15Page - Bourns Electronic Solutions SSD-500A-R-T Datasheet HTML 16Page - Bourns Electronic Solutions SSD-500A-R-T Datasheet HTML 17Page - Bourns Electronic Solutions SSD-500A-R-T Datasheet HTML 18Page - Bourns Electronic Solutions SSD-500A-R-T Datasheet HTML 19Page - Bourns Electronic Solutions SSD-500A-R-T Datasheet HTML 20Page - Bourns Electronic Solutions SSD-500A-R-T Datasheet HTML 21Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
GR / SR GET / SET A2D CONFIG REGISTER
A2D Configuration Register
HEXCODE: 0000
Check boxes below to calculate HEX value
N/A
Bus Voltage
MAX Voltage
N/A
High Range
MAX Current
N/A
Normal Range
MAX Current
Reading Interval
Time
(ms)
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
0
0
1200 VDC
0
0
0
40X Nominal
0
0
0
40X Nominal
0
0
0
0
0.9
0
0
0
1
1.6
0
0
1
600 VDC
0
0
1
20X Nominal
0
0
1
20X Nominal
0
0
1
0
3.2
0
0
1
1
4.8
0
1
0
300 VDC
0
1
0
10X Nominal
0
1
0
10X Nominal
0
1
0
0
6.4
0
1
0
1
7.2
0
1
1
150 VDC
0
1
1
5X Nominal
0
1
1
5X Nominal
0
1
1
0
9
0
1
1
1
13
1
0
0
75 VDC
1
0
0
2.5X Nominal
1
0
0
2.5X Nominal
1
0
0
0
26
1
0
0
1
51
1
0
1
37.5 VDC
1
0
1
1.25X Nominal
1
0
1
1.25X Nominal
1
0
1
0
102
1
0
1
1
205
1
1
0
0.63X Nominal
1
1
0
0.63X Nominal
1
1
0
0
410
1
1
0
1
820
1
1
1
0.31X Nominal
1
1
1
0.31X Nominal
1
1
1
0
1640
1
1
1
1
3280
SSD Series – Riedon™ Digital Current Sensor with RS485/MODBUS Interface by Bourns
SSD Interface Manual (continued)
NOTE: No settings are saved until a save settings to EEPROM command is issued!
Power cycling will restore previous settings. See RESET command :1RS0F<cr>
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com