Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD-500A-R-T Datasheet(PDF) 15 Page - Bourns Electronic Solutions

Part # SSD-500A-R-T
Description  SSD Series – Riedon™ Digital Current Sensor with RS485/MODBUS Interface by Bourns
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SSD-500A-R-T Datasheet(HTML) 15 Page - Bourns Electronic Solutions

Back Button SSD-500A-R-T Datasheet HTML 11Page - Bourns Electronic Solutions SSD-500A-R-T Datasheet HTML 12Page - Bourns Electronic Solutions SSD-500A-R-T Datasheet HTML 13Page - Bourns Electronic Solutions SSD-500A-R-T Datasheet HTML 14Page - Bourns Electronic Solutions SSD-500A-R-T Datasheet HTML 15Page - Bourns Electronic Solutions SSD-500A-R-T Datasheet HTML 16Page - Bourns Electronic Solutions SSD-500A-R-T Datasheet HTML 17Page - Bourns Electronic Solutions SSD-500A-R-T Datasheet HTML 18Page - Bourns Electronic Solutions SSD-500A-R-T Datasheet HTML 19Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
SSD Series – Riedon™ Digital Current Sensor with RS485/MODBUS Interface by Bourns
SSD Interface Manual (continued)
GM / SM GET / SET MODE COMMAND
Used to change the sensor options.
Bit0 Invert Current – This will flip the Current and Coulomb signs if necessary.
Bit1 Autorange – Sensor will switch to high range if reading exceeds 85 % of standard range. It will switch back when reading drops to
below 50 % of standard range. See A2D CONFIG for more info.
Bit2 Modbus Enable – Enables Modbus on reboot.
Bit3 Auto Reset Errors – Self clears errors once sent or read, the error will re-enable if it persists.
Bit4 Invert Voltage – Use for Highside Voltage Measurements.
Bit7 Send on Conversion – The sensor will send the latest data as soon as available per A2D CONFIG.
Bit8 Autosend – The sensor will send readings at the Read Delay timer interval unless Bit7 is enabled.
Bit9 to Bit15 – Enable the readings to be automatically sent. Otherwise read them manually.
Value is an unsigned Int16. SET MODE default is: 0x0002.
Example: Set SSD to Autorange, Autosend Current and Temperature at the read delay interval, and Autoreset Errors. (0x070A)
Send value in hex format.
WRITE
READ
Send: :1SM070A<cr>
Send: :1GMcr>
Receive: (none)
Receive: 070A<cr>
SETMODE Configuration Bytes
HEXCODE: 0000
Check boxes below to calculate HEX value
15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
NOTE: No settings are saved until a save settings to EEPROM command is issued!
Power cycling will restore previous settings. See RESET command :1RS0F<cr>
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com