Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD-500A-R-T Datasheet(PDF) 14 Page - Bourns Electronic Solutions

Part # SSD-500A-R-T
Description  SSD Series – Riedon™ Digital Current Sensor with RS485/MODBUS Interface by Bourns
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SSD-500A-R-T Datasheet(HTML) 14 Page - Bourns Electronic Solutions

Back Button SSD-500A-R-T Datasheet HTML 10Page - Bourns Electronic Solutions SSD-500A-R-T Datasheet HTML 11Page - Bourns Electronic Solutions SSD-500A-R-T Datasheet HTML 12Page - Bourns Electronic Solutions SSD-500A-R-T Datasheet HTML 13Page - Bourns Electronic Solutions SSD-500A-R-T Datasheet HTML 14Page - Bourns Electronic Solutions SSD-500A-R-T Datasheet HTML 15Page - Bourns Electronic Solutions SSD-500A-R-T Datasheet HTML 16Page - Bourns Electronic Solutions SSD-500A-R-T Datasheet HTML 17Page - Bourns Electronic Solutions SSD-500A-R-T Datasheet HTML 18Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
SSD Series – Riedon™ Digital Current Sensor with RS485/MODBUS Interface by Bourns
SSD Interface Manual (continued)
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
GX GET ALL ENABLED READINGS
Used to get all readings that are enabled in the SET MODE
command (page 14).
Example:
If Send Current, Send Temperature, and Send Power are
enabled the following will be returned.
Send: :1GX<cr>
Receive: A******_T******_P******_<cr>
VE GET FIRMWARE VERSION
Used to get the SSD firmware version.
Send: :1VE<cr>
Receive: *.**_<cr>
GS GET SERIAL NUMBER
Used to get the SSD Serial Number
Send: :1G9<cr>
Receive: ******_<cr>
RS RESET COMMAND
Used to reset errors, coulomb count, and energy count. Can
also save settings to EEPROM and restore default settings.
Send hex codes shown.
Rebooting will restore previously saved settings if current
settings are not saved. This will prevent baud rate or address
change errors since you will need to connect with the new
values before you can issue the save to EEPROM command.
0x01
- Reset Coulomb and Energy counters
0x04
- Reset Errors
0x0F
- Save settings to EEPROM
0XAA
- Reset settings to defaults
(command must be sent 3X in a row)
Example: Reset Errors
Send: :1RS04<cr>
Receive: (none)
SA SET ADDRESS
Used to change the SSD address. Send the new address
(1-255) and the SSD will immediately change to it. Connect
with the new address and issue a save settings to EEPROM
command, RS0F, otherwise the old address will be restored on
reboot.
Example: Set SSD address from 1 to 25, then save settings to
EEPROM.
Send: :1SA25<cr>
Receive: (none)
Send: :25RS0F<cr>
Receive: (none)
NOTE: No settings are saved until a save settings to EEPROM command is issued!
Power cycling will restore previous settings. See RESET command :1RS0F<cr>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com