Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD-500A-R-T Datasheet(PDF) 19 Page - Bourns Electronic Solutions

Part # SSD-500A-R-T
Description  SSD Series – Riedon™ Digital Current Sensor with RS485/MODBUS Interface by Bourns
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SSD-500A-R-T Datasheet(HTML) 19 Page - Bourns Electronic Solutions

Back Button SSD-500A-R-T Datasheet HTML 15Page - Bourns Electronic Solutions SSD-500A-R-T Datasheet HTML 16Page - Bourns Electronic Solutions SSD-500A-R-T Datasheet HTML 17Page - Bourns Electronic Solutions SSD-500A-R-T Datasheet HTML 18Page - Bourns Electronic Solutions SSD-500A-R-T Datasheet HTML 19Page - Bourns Electronic Solutions SSD-500A-R-T Datasheet HTML 20Page - Bourns Electronic Solutions SSD-500A-R-T Datasheet HTML 21Page - Bourns Electronic Solutions SSD-500A-R-T Datasheet HTML 22Page - Bourns Electronic Solutions SSD-500A-R-T Datasheet HTML 23Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
SSD Series – Riedon™ Digital Current Sensor with RS485/MODBUS Interface by Bourns
SSD Interface Manual (continued)
GF / SF GET / SET CURRENT UNDER LIMIT
Used to configure the optional lower limit for current readings. Currents below this value will cause an error that can be read with the
GET ERRORS command if errors aren’t automatically sent. A zero value disables this alert, non-zero values enable alert.
Value is an signed Int16. Default CURRENT UNDER LIMIT: 0 (Disabled).
Example: Set the lower limit to 25 amps
WRITE
READ
Send:
:1SF25<cr>
Send:
:1G0<cr>
Receive: (none)
Receive: 25<cr>
GG / SG GET / SET CURRENT OVER LIMIT
Used to configure the optional upper limit for current readings. Currents above this value will cause an error that can be read with the
GET ERRORS command if errors aren’t automatically sent. A zero value disables this alert, non-zero values enable alert.
Value is an signed Int16. Default CURRENT OVER LIMIT: 0 (Disabled).
Example: Set the lower limit to 620 amps
WRITE
READ
Send:
:1SG620<cr>
Send:
:1G1<cr>
Receive: (none)
Receive: 620<cr>
GI / SI GET / SET TEMPERATURE OVER LIMIT
Used to configure the temperature limit for the error. Temperatures above this value will cause an error that can be read with the GET
ERRORS command if errors aren’t automatically sent.
Value is an unsigned Int16 in centigrade. Default TEMP OVER LIMIT: 125 °C (Cannot Disable)
Valid Range: 0 °C to +125 °C (MAX)
Example: Set the upper limit to 90 °C
WRITE
READ
Send:
:1SI90<cr>
Send:
:1G2<cr>
Receive: (none)
Receive: 90<cr>
GL / SL GET / SET VBUS UNDER LIMIT
Used to configure the optional lower limit for the bus voltage readings. Voltages below this value will cause an error that can be read
with the GET ERRORS command if errors aren’t automatically sent. A zero value disables this alert, non-zero values enable alert.
Value is a signed Int16 in volts. Default VBUS UNDER LIMIT: 0 (Disabled).
Example: Set the lower limit to 29 Volts
WRITE
READ
Send:
:1SL29cr>
Send:
:1G3<cr>
Receive: (none)
Receive: 29<cr>
NOTE: No settings are saved until a save settings to EEPROM command is issued!
Power cycling will restore previous settings. See RESET command :1RS0F<cr>
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com