Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT601Q-B-R Datasheet(PDF) 13 Page - Future Technology Devices International Ltd.

Part # FT601Q-B-R
Description  FT600Q-FT601Q IC Datasheet (USB 3.0 to FIFO Bridge)
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT601Q-B-R Datasheet(HTML) 13 Page - Future Technology Devices International Ltd.

Back Button FT601Q-B-R Datasheet HTML 9Page - Future Technology Devices International Ltd. FT601Q-B-R Datasheet HTML 10Page - Future Technology Devices International Ltd. FT601Q-B-R Datasheet HTML 11Page - Future Technology Devices International Ltd. FT601Q-B-R Datasheet HTML 12Page - Future Technology Devices International Ltd. FT601Q-B-R Datasheet HTML 13Page - Future Technology Devices International Ltd. FT601Q-B-R Datasheet HTML 14Page - Future Technology Devices International Ltd. FT601Q-B-R Datasheet HTML 15Page - Future Technology Devices International Ltd. FT601Q-B-R Datasheet HTML 16Page - Future Technology Devices International Ltd. FT601Q-B-R Datasheet HTML 17Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
Copyright © Future Technology Devices International Limited
13
FT600Q-FT601Q IC DatasheetDatasheet
Version 1.04
Document No.: FT_001118
Clearance No.: FTDI#424
0
1
SDP(standard downstream port) detected
1
0
CDP(Charging downstream port) detected
1
1
DCP(Dedicated charging port) detected
4.2
Multi-Channel FIFO mode Protocols
This is a Slave bus and is designed to handle multi-channel connectivity. The bus protocol supports a
total of 4 bidirectional channels; each has 1 USB OUT and 1 USB IN endpoints. . CLK is the clock output
from the bus slave to the bus master.
The channel number denoted in this document as channel 1 to 3 mapped to USB endpoint number 2 to 5.
The USB OUT endpoint in Channel 1 is denoted as USB out channel 1, USB IN endpoint in channel 1 is
denoted as USB IN channel 1.
Correspondingly, the FIFO OUT is for data transmitted from USB host to device and FIFO IN is for data
transmitted from USB device to host.
WR_N is the bus master to bus slave data transaction request signal, and it is active low.
RXF_N is the bus slave to bus master data receive acknowledge signal, and it is active low.
TXE_N (optional signal, master can ignore this signal) is the bus slave to bus master FIFO idle status
valid signal, and it is low active.
DATA[31:0] is used as the 32-bit data bus during the data transfer phase. When the bus is in the idle
state DATA[31:16], DATA[7:0] and BE[3:0] are driven to logic”1” by the bus master, and DATA[15:8] is
driven by the bus slave to provide the FIFO status to the bus master. The upper nibble (DATA[15:12])
provides the 4 OUT channels FIFO status while the lower nibble (DATA[11:8]) provides the 4 IN channels
FIFO status. They are all active low.
For example, at idle, DATA[12] is logic”0” and DATA[8] is logic”0”, which indicates USB OUT channel 1
FIFO data is available to send and USB IN channel 1 FIFO space is empty to receive data respectively.
The external bus master will start a transfer cycle by asserting WR_N based on the channel FIFO status.
The first cycle after WR_N is asserted is the command phase, followed by the data phase when RXF_N is
asserted. At the command phase, the bus master will send the channel number which it intends to
transfer data with on DATA[7:0] and the Read/Write command on BE[3:0]. BE[3:0] = ‘h0 and BE[3:0] =
‘h1 indicates a master read or write respectively. There may also be a required turn-a-round for
DATA[31:0] and BE[3:0] after the command phase and at the end of data transaction. BE[1:0] is valid
for FT600 2 byte wide data interface.
Table 4.1 shows Multi-Channel FIFO mode command phase master read/write and channel address
setting.
Command Phase
FT600 Command BE[1:0]
FT601 Command BE[3:0]
Channel Address
DATA[7:0]
Master Read
00
0000
8’h1=Channel 1
8’h2=Channel 2
8’h3=Channel 3
8’h4=Channel 4
Master Write
01
0001
Table 4.1 Multi-Channel FIFO mode Command phase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com