Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT601Q-B-R Datasheet(PDF) 4 Page - Future Technology Devices International Ltd.

Part # FT601Q-B-R
Description  FT600Q-FT601Q IC Datasheet (USB 3.0 to FIFO Bridge)
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT601Q-B-R Datasheet(HTML) 4 Page - Future Technology Devices International Ltd.

  FT601Q-B-R Datasheet HTML 1Page - Future Technology Devices International Ltd. FT601Q-B-R Datasheet HTML 2Page - Future Technology Devices International Ltd. FT601Q-B-R Datasheet HTML 3Page - Future Technology Devices International Ltd. FT601Q-B-R Datasheet HTML 4Page - Future Technology Devices International Ltd. FT601Q-B-R Datasheet HTML 5Page - Future Technology Devices International Ltd. FT601Q-B-R Datasheet HTML 6Page - Future Technology Devices International Ltd. FT601Q-B-R Datasheet HTML 7Page - Future Technology Devices International Ltd. FT601Q-B-R Datasheet HTML 8Page - Future Technology Devices International Ltd. FT601Q-B-R Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
Copyright © Future Technology Devices International Limited
4
FT600Q-FT601Q IC DatasheetDatasheet
Version 1.04
Document No.: FT_001118
Clearance No.: FTDI#424
Table of Contents
1
Typical Applications....................................................... 2
1.1 Driver Support ........................................................................... 2
1.2 Ordering Information................................................................. 2
1.3 USB Compliant ........................................................................... 2
2
Block Diagram ............................................................... 3
3
Device Pin Out and Signal Description........................... 6
3.1 Device Pin Out ........................................................................... 6
3.2 Device Pin Out Signal Description .............................................. 7
4
Function Description ................................................... 11
4.1 Key Features and Function Description .................................... 11
4.2 Multi-Channel FIFO mode Protocols ......................................... 13
4.3 245 Synchronous FIFO mode Protocols.................................... 16
4.4 FIFO Bus AC Timing ................................................................. 18
4.5 Crystal requirements ............................................................... 18
5
Devices Characteristics and Ratings ............................ 19
5.1 Absolute Maximum Ratings...................................................... 19
5.2 ESD and Latch-up Specifications .............................................. 19
5.3 DC Characteristics.................................................................... 20
5.3.1 DC Characteristics (Ambient Temperature = -40°C to +85°C) ........................... 20
5.3.2 DC Characteristics for I/O Interface ................................................................ 21
6
USB Power Configurations........................................... 22
6.1 USB Bus-Powered Configuration ............................................. 22
6.2 Self-Powered Configuration ..................................................... 23
7
Application Example .................................................... 24
7.1 FT600/FT601 Connect to FIFO Master Interface ...................... 24
8
Package Parameters.................................................... 25
8.1 QFN-56 Package Mechanical Dimensions ................................. 25
8.2 QFN-56 Package Markings ....................................................... 26
8.3 QFN-76 Package Mechanical Dimensions ................................. 27
8.4 QFN-76 Package Markings ....................................................... 28
8.5 Solder Reflow Profile ............................................................... 29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com