Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT601Q-B-R Datasheet(PDF) 19 Page - Future Technology Devices International Ltd.

Part # FT601Q-B-R
Description  FT600Q-FT601Q IC Datasheet (USB 3.0 to FIFO Bridge)
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT601Q-B-R Datasheet(HTML) 19 Page - Future Technology Devices International Ltd.

Back Button FT601Q-B-R Datasheet HTML 15Page - Future Technology Devices International Ltd. FT601Q-B-R Datasheet HTML 16Page - Future Technology Devices International Ltd. FT601Q-B-R Datasheet HTML 17Page - Future Technology Devices International Ltd. FT601Q-B-R Datasheet HTML 18Page - Future Technology Devices International Ltd. FT601Q-B-R Datasheet HTML 19Page - Future Technology Devices International Ltd. FT601Q-B-R Datasheet HTML 20Page - Future Technology Devices International Ltd. FT601Q-B-R Datasheet HTML 21Page - Future Technology Devices International Ltd. FT601Q-B-R Datasheet HTML 22Page - Future Technology Devices International Ltd. FT601Q-B-R Datasheet HTML 23Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
Copyright © Future Technology Devices International Limited
19
FT600Q-FT601Q IC DatasheetDatasheet
Version 1.04
Document No.: FT_001118
Clearance No.: FTDI#424
5
Devices Characteristics and Ratings
5.1
Absolute Maximum Ratings
The absolute maximum ratings for the FT60x devices are as follows. These are in accordance with the
Absolute Maximum Rating System (IEC 60134). Exceeding these may cause permanent damage to the
device.
Parameter
Value
Unit
Storage Temperature
-65°C to 150°C
Degrees C
Ambient Operating Temperature (Power Applied)
-40°C to 85°C
Degrees C
VCC33/VDDA Supply Voltage
-0.3 to +4.6
V
VCCIO Supply Voltage
-0.3 to +4.0
V
VD10 Core Supply Voltage
-0.5 to +1.4
V
AVDD PLL Supply Voltage
-0.5 to +1.4
V
IOs DC Input Voltage
-0.5 to +VCCIO+0.5
V
Table 5.1 Absolute Maximum Ratings
5.2
ESD and Latch-up Specifications
Description
Reference
Minimum
Typical
Maximum
Units
Human Body Mode
(HBM)
JEDEC EIA/JESD22- A114-
B, Class 2
-
±2kV
-
kV
Machine mode
(MM)
JEDEC EIA/JESD22- A115-
A, Class B
-
±200V
-
V
Charged Device Mode
(CDM)
JEDEC EIA/ JESD22-C101-
D, Class-III
-
±500V
-
V
Latch-up
JESD78, Trigger Class-II
-
±200mA
-
mA
Table 5.2 ESD and Latch-Up Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com