Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT601Q-B-R Datasheet(PDF) 15 Page - Future Technology Devices International Ltd.

Part # FT601Q-B-R
Description  FT600Q-FT601Q IC Datasheet (USB 3.0 to FIFO Bridge)
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT601Q-B-R Datasheet(HTML) 15 Page - Future Technology Devices International Ltd.

Back Button FT601Q-B-R Datasheet HTML 11Page - Future Technology Devices International Ltd. FT601Q-B-R Datasheet HTML 12Page - Future Technology Devices International Ltd. FT601Q-B-R Datasheet HTML 13Page - Future Technology Devices International Ltd. FT601Q-B-R Datasheet HTML 14Page - Future Technology Devices International Ltd. FT601Q-B-R Datasheet HTML 15Page - Future Technology Devices International Ltd. FT601Q-B-R Datasheet HTML 16Page - Future Technology Devices International Ltd. FT601Q-B-R Datasheet HTML 17Page - Future Technology Devices International Ltd. FT601Q-B-R Datasheet HTML 18Page - Future Technology Devices International Ltd. FT601Q-B-R Datasheet HTML 19Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
Copyright © Future Technology Devices International Limited
15
FT600Q-FT601Q IC DatasheetDatasheet
Version 1.04
Document No.: FT_001118
Clearance No.: FTDI#424
Please refer to the FT601 and FT600 application notes for alternate configurations:
http://www.ftdichip.com/Support/Documents/AppNotes/AN_370 FT600 Configuration Programmer User
Guide.pdf
E.g. Consider a USB 3.0 super-speed connection with a packet size is 1 KB, and a FIFO size of 4 KB.
Case #1: If the bus master completes a 4KB write in one transaction then this data will be transferred onto
the USB bus in 4 full sized packets.
Case #2: If the bus master completes a 1KB write in one transaction then this data will be transferred onto
the USB bus in a single packet (1 packet).
Case #3: If the bus master completes a 1025 byte write in one transaction then this data will be transferred
onto the USB bus in one full sized packet with length of 1024 bytes (1KB) + one short sized packet with a
length of 1 byte.
The waveform below shows a FT601 master write transaction for 14 bytes at channel 1 with the bus
master terminating the transaction. There are turn-a-round cycles for DATA[15:8] after the command
phase and at the end of the data transaction. The BE[3:0] shows that the lower 2 bytes in D3 are valid at
the last word strobe in this transaction.
Figure 4.3 FT601 Multi-Channel FIFO mode master write transaction 1
NOTE: There is no turnaround phase for BE pins as these remain inputs when the FIFO is being written to
by the master.
The waveform below shows a FT601 master write transaction where the FIFO at channel 1 uses all data
space first, the RXF_N reasserts when the FIFO data space is not available after D3. There are turn-a-
round cycles for DATA[15:8] after the command phase and at the end of the data transaction. The
BE[3:0] shows that the transaction is all in word aligned, all 4 bytes in D3 are valid at the last word
strobe in this transaction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com