Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT601Q-B-R Datasheet(PDF) 23 Page - Future Technology Devices International Ltd.

Part # FT601Q-B-R
Description  FT600Q-FT601Q IC Datasheet (USB 3.0 to FIFO Bridge)
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT601Q-B-R Datasheet(HTML) 23 Page - Future Technology Devices International Ltd.

Back Button FT601Q-B-R Datasheet HTML 19Page - Future Technology Devices International Ltd. FT601Q-B-R Datasheet HTML 20Page - Future Technology Devices International Ltd. FT601Q-B-R Datasheet HTML 21Page - Future Technology Devices International Ltd. FT601Q-B-R Datasheet HTML 22Page - Future Technology Devices International Ltd. FT601Q-B-R Datasheet HTML 23Page - Future Technology Devices International Ltd. FT601Q-B-R Datasheet HTML 24Page - Future Technology Devices International Ltd. FT601Q-B-R Datasheet HTML 25Page - Future Technology Devices International Ltd. FT601Q-B-R Datasheet HTML 26Page - Future Technology Devices International Ltd. FT601Q-B-R Datasheet HTML 27Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
Copyright © Future Technology Devices International Limited
23
FT600Q-FT601Q IC DatasheetDatasheet
Version 1.04
Document No.: FT_001118
Clearance No.: FTDI#424
Figure 6.1 & 6.2 illustrate the FT60x in a typical USB bus powered design configuration. A USB bus
powered device gets its power from the USB bus via an external LDO stepping the voltage down to
+3.3V.
A ferrite bead is connected in series with the USB power supply to reduce EMI noise from the FT60x and
associated circuitry being radiated down the USB cable to the USB host. The value of the Ferrite Bead
depends on the total current drawn by the application.
6.2
Self-Powered Configuration
Figure 6.3 Self-Powered Configuration
Figure 6.3 illustrates the FT60x in a typical USB self-powered configuration. A USB self-powered device
gets its power from its own power supply, VCC33 and VCCIO, and does not draw current from the USB
bus. The basic rules for USB self-powered devices are as follows –
i)
A self-powered device should not force current down the USB bus when the USB host or hub
controller is powered down.
ii) A self-powered device can use as much current as it needs during normal operation and USB
suspend as it has its own power supply.
iii) A self-powered device can be used with any USB host, a bus powered USB hub or a self-powered
USB hub.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com