Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NB679GD Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # NB679GD
Description  28V, Low Iq, High Current, Fixed 5V-8A Synchronous Buck Converter with 100 mA LDO
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

NB679GD Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button NB679GD Datasheet HTML 10Page - Monolithic Power Systems NB679GD Datasheet HTML 11Page - Monolithic Power Systems NB679GD Datasheet HTML 12Page - Monolithic Power Systems NB679GD Datasheet HTML 13Page - Monolithic Power Systems NB679GD Datasheet HTML 14Page - Monolithic Power Systems NB679GD Datasheet HTML 15Page - Monolithic Power Systems NB679GD Datasheet HTML 16Page - Monolithic Power Systems NB679GD Datasheet HTML 17Page - Monolithic Power Systems NB679GD Datasheet HTML 18Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
NB679, 28 V VIN, FIXED 5V-8A BUCK CONVERTER WITH LDO
NB679 Rev. 1.03
www.MonolithicPower.com
16
7/27/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
The inductance value can be calculated using
Equation (11):
OUT
OUT
SW
L
IN
VV
L
(1
)
F
I
V
 

(11)
Where ΔI
L is the peak-to-peak inductor ripple
current.
The inductor should not saturate under the
maximum inductor peak current (including short
current), so it is suggested to choose Isat > 10 A.
PCB Layout Guidelines
Efficient PCB layout is critical for optimum IC
performance. For best results, refer to Figure 6
and follow the guidelines below. For more
information, refer to AN087.
1. Place the high-current paths (GND, IN, and
SW) very close to the device with short, direct,
and wide traces. The PGND trace should be
as wide as possible (This should be the
number one priority).
2. Place the input capacitors as close to IN and
GND as possible on the same layer as the IC.
3. Place the decoupling capacitor as close to
VCC
and GND
as possible.
Keep the
switching node (SW) short and away from the
feedback network.
4. Keep the BST voltage path as short as
possible with >50 mil trace.
5. Keep the IN and GND pads connected with a
large copper plane to achieve better thermal
performance. Add several vias with 8 mil
drill/16 mil copper width close to the IN and
GND pads to help thermal dissipation.
6. A 4-layer layout is strongly recommended to
achieve better thermal performance.
VIN
SW
VOUT
PGND
VOUT
3
4
5
6
VCC
AGND
LDO
PGND
BST
SW
VOUT
Vin
1
8
12
11
10
9
2
7
ENLDO
PG
NS
EN
Vout
PG
L
7mm*6.6mm
0805
0402
Vout
Figure 6
—Recommended PCB layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com