Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NB679GD Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # NB679GD
Description  28V, Low Iq, High Current, Fixed 5V-8A Synchronous Buck Converter with 100 mA LDO
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

NB679GD Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button NB679GD Datasheet HTML 10Page - Monolithic Power Systems NB679GD Datasheet HTML 11Page - Monolithic Power Systems NB679GD Datasheet HTML 12Page - Monolithic Power Systems NB679GD Datasheet HTML 13Page - Monolithic Power Systems NB679GD Datasheet HTML 14Page - Monolithic Power Systems NB679GD Datasheet HTML 15Page - Monolithic Power Systems NB679GD Datasheet HTML 16Page - Monolithic Power Systems NB679GD Datasheet HTML 17Page - Monolithic Power Systems NB679GD Datasheet HTML 18Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
NB679, 28 V VIN, FIXED 5V-8A BUCK CONVERTER WITH LDO
NB679 Rev. 1.03
www.MonolithicPower.com
14
7/27/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
set to provide enough hysteresis to allow for any
input supply variations.
Figure 5
—Adjustable UVLO
To avoid too much sink current on EN, the EN
resistor (Rup) is usually in the range of 1 M-2 M
Ω.
A typical pull-up resistor is 2 M
Ω.
Thermal Shutdown
Thermal shutdown is employed in the NB679.
The junction temperature of the IC is monitored
internally. If the junction temperature exceeds the
threshold value (140ºC, typically), the converter
shuts off. This is a non-latch protection. There is
about
25ºC
hysteresis.
Once
the
junction
temperature drops to about 115ºC, it initiates a
SS.
Output Discharge
NB679 discharges the output when EN is low, or
the controller is turned off by the protection
functions UVP, OCP, OCP, OVP, UVLO, and
thermal shutdown. The part discharges outputs
using an internal 6
Ω MOSFET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com