Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NB679GD Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # NB679GD
Description  28V, Low Iq, High Current, Fixed 5V-8A Synchronous Buck Converter with 100 mA LDO
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

NB679GD Datasheet(HTML) 5 Page - Monolithic Power Systems

  NB679GD Datasheet HTML 1Page - Monolithic Power Systems NB679GD Datasheet HTML 2Page - Monolithic Power Systems NB679GD Datasheet HTML 3Page - Monolithic Power Systems NB679GD Datasheet HTML 4Page - Monolithic Power Systems NB679GD Datasheet HTML 5Page - Monolithic Power Systems NB679GD Datasheet HTML 6Page - Monolithic Power Systems NB679GD Datasheet HTML 7Page - Monolithic Power Systems NB679GD Datasheet HTML 8Page - Monolithic Power Systems NB679GD Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
NB679
— 28V VIN, FIXED 5V-8A BUCK CONVERTER WITH LDO
NB679 Rev. 1.03
www.MonolithicPower.com
5
7/27/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 12V, TJ = 25C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Enable and UVLO
EN rising threshold
VEN_H
1.2
1.3
1.4
V
EN hysteresis
VEN-HYS
150
mV
ENLDO rising threshold
VEN_H
1.2
1.3
1.4
V
ENLDO hysteresis
VEN-HYS
150
mV
EN high limit @ USM
VEN_H_USM
1.8
V
EN low limit @ normal
VEN_L_Normal
2.6
V
EN input current
IEN
VEN = 2 V
5
μA
VEN = 0 V
0
VIN under-voltage lockout threshold
rising
VINVTH
4.45
4.7
V
VIN under-voltage lockout threshold
hysteresis
VINHYS
450
mV
LDO regulator
LDO regulator
VLDO
VEN = 0 V
4.85
4.97
5.12
V
LDO load regulation
VEN = 0 V, LDO load =100 mA
2
%
LDO Iimit
(5)
ILDO_Limit
VEN = 0 V, VLDO = 4.5 V
135
mA
Switch Rdson
(5)
RSwitch
ILDO = 50 mA
0.9
1.2
Ω
VCC regulator
VCC regulator
VCC
3.5
3.6
3.7
V
VCC load regulation
Icc = 5 mA
5
%
Power good
PG when FB rising (good)
PG_Rising(Good) VFB rising, percentage of VFB
95
%
PG when FB falling (fault)
PG_Falling(Fault) VFB falling, percentage of VFB
85
PG when FB rising (fault)
PG_Rising(Fault) VFB rising, percentage of VFB
115
PG when FB falling (good)
PG_Falling(Good) VFB falling, percentage of VFB
105
Power good low to high delay
PGTd
750
μs
EN low to power good low delay
PGTd_EN low
5
μs
Power good sink current capability
VPG
Sink 4 mA
0.4
V
Power good leakage current
IPG_LEAK
VPG = 3.3 V
5
μA
Thermal protection
Thermal shutdown
(5)
TSD
140
°C
Thermal shutdown hysteresis
(5)
TSD-HYS
25
°C
NOTE:
5) Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com