Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NB679GD Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # NB679GD
Description  28V, Low Iq, High Current, Fixed 5V-8A Synchronous Buck Converter with 100 mA LDO
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

NB679GD Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button NB679GD Datasheet HTML 8Page - Monolithic Power Systems NB679GD Datasheet HTML 9Page - Monolithic Power Systems NB679GD Datasheet HTML 10Page - Monolithic Power Systems NB679GD Datasheet HTML 11Page - Monolithic Power Systems NB679GD Datasheet HTML 12Page - Monolithic Power Systems NB679GD Datasheet HTML 13Page - Monolithic Power Systems NB679GD Datasheet HTML 14Page - Monolithic Power Systems NB679GD Datasheet HTML 15Page - Monolithic Power Systems NB679GD Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
NB679, 28 V VIN, FIXED 5V-8A BUCK CONVERTER WITH LDO
NB679 Rev. 1.03
www.MonolithicPower.com
12
7/27/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
As the output current increases from the light-
load condition, the time period within which the
current modulator regulates becomes shorter.
The HS-FET is turned on more frequently. Hence,
the switching frequency increases accordingly.
The output current reaches the critical level when
the current modulator time is zero. The critical
level of the output current is determined with
Equation (1):
IN
OUT
OUT
OUT
SW
IN
(V
V
) V
I
2 L F
V

 
(1)
The device enters PWM mode once the output
current exceeds the critical level. After that, the
switching frequency stays fairly constant over the
output current range.
DC Auto-Tune Loop
NB679 applies a DC auto-tune loop to balance
the DC error between VFB and VREF by adjusting
the comparator input REF to make VFB always
follow VREF. The small DC loop improves the load
and line regulation without affecting transient
performance. The relationship between VFB, VREF,
and REF is shown in Figure.4
VFB
REF
VREF
DC
Error
Figure 4
—DC auto-tune loop operation
Large Duty Operation
The NB679 supports larger duty operation (5.5 V-
5 V) by its internal Ton extension function. When
the parts detects its FB is lower than Vref and
Vin - Vo < 2 V, the Ton can be extended,
extending the duty. If FB > REF or Ton reaches
its limitation, Ton will stop extending.
Light load Ultrasonic Mode
Ultrasonic mode (USM) keeps the switching
frequency above an audible frequency area
during light-load or no-load conditions. Once the
part detects both the HS-FET and the LS-FET
are off (for about 30 µs), it shrinks the Ton so as
to keep Vout under regulation with optimal
efficiency. If the load continues to reduce, the
part discharges the Vout to make sure FB is
smaller than 102 percent
of the internal
reference. The HS-FET turns on again once the
internal FB reaches VREF and then stops
switching.
USM is selected by the EN voltage level. When
EN is in the range of 1.4 V to 1.8 V, it enters
USM. If EN is in the range of 2.6 V to 3.6 V, it
operates in normal mode.
Configuring the EN Control
The NB679 has two enable pins to control the
on/off of the internal regulators and LDO.
For NB679, the buck regulator and LDO are
controlled by EN and ENLDO, respectively. For
example, when the application is only used with
the buck regulator, the buck regulator is realized
by pulling ENLDO low, allowing the buck to be
controlled by EN.
See Table 2 for the NB679 EN logics.
Table 2
—ENLDO/EN control
State
ENLDO
EN
VCC
VOUT
5V LDO
S0
1
1
ON
ON
ON
S3
1
0
ON
OFF
ON
S5
0
0
OFF
OFF
OFF
Others
0
1
ON
ON
OFF
For automatic start-up, EN can be pulled up to
the input voltage through a resistive voltage
divider. Refer to
the “UVLO Protection” section
for more details.
Soft Start (SS)
The NB679 employs a soft-start (SS) mechanism
to ensure smooth output during power-up. When
EN becomes high, the internal reference voltage
ramps up gradually; this causes the output
voltage to ramp up smoothly as well. Once the
reference voltage reaches the target value, the
soft start finishes, and the part enters steady-
state operation.
If the output is pre-biased to a certain voltage
during start-up, the IC disables the switching of
both the high-side and low-side switches until the
voltage on the internal reference exceeds the
sensed output voltage at the internal FB node.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com