Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NB679GD Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # NB679GD
Description  28V, Low Iq, High Current, Fixed 5V-8A Synchronous Buck Converter with 100 mA LDO
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

NB679GD Datasheet(HTML) 1 Page - Monolithic Power Systems

  NB679GD Datasheet HTML 1Page - Monolithic Power Systems NB679GD Datasheet HTML 2Page - Monolithic Power Systems NB679GD Datasheet HTML 3Page - Monolithic Power Systems NB679GD Datasheet HTML 4Page - Monolithic Power Systems NB679GD Datasheet HTML 5Page - Monolithic Power Systems NB679GD Datasheet HTML 6Page - Monolithic Power Systems NB679GD Datasheet HTML 7Page - Monolithic Power Systems NB679GD Datasheet HTML 8Page - Monolithic Power Systems NB679GD Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
NB679
28V, Low Iq, High Current, Fixed 5V-8A
Synchronous Buck Converter
with 100 mA LDO
NB679 Rev. 1.03
www.MonolithicPower.com
1
7/27/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
DESCRIPTION
The NB679 is a fully integrated, high-frequency,
synchronous, rectified, step-down switch-mode
converter with a fixed 5 V output. It offers a very
compact solution to achieve 8 A continuous
output current and 10 A peak output current
over a wide input supply range with excellent
load and line regulation.
The NB679 operates at high efficiency over a
wide output current load range based on MPS
proprietary switching loss reduction technology
and internal low Ron power MOSFETs.
Adaptive constant-on-time (COT) control mode
provides fast transient response and eases loop
stabilization. The DC auto-tune loop provides
good load and line regulation.
NB679 provides a fixed 5 V LDO, which can be
used to power the external peripheries.
Full protection features include OC limit, OVP,
UVP, and thermal shutdown.
The converter requires a minimum number of
external components and is available in QFN
2mm x 3mm package.
FEATURES
 Wide 5.5 V to 28 V Operating Input Range
 Fixed 5 V Vout
 Supports 5.5 V-5 V
 Ultrasonic Mode with Fs over 25 kHz
 100 μA Low Quiescent Current
 8 A Continous Output Current
 10 A Peak Output Current
 Adaptive COT for Fast Transient
 DC Auto-Tune Loop for Load Regulation
 Stable with POSCAP and Ceramic Output
Capacitors
 Built-In 5 V, 100 mA LDO with Switch Over
 1% Reference Voltage
 Internal Soft Start
 Output Discharge
 700 kHZ Switching Frequency
 OCP, OVP, UVP, and Thermal Shutdown.
 Latch-Off Reset via EN or Power Cycle
 QFN-12 (2mm x 3mm) Package
APPLICATIONS
Laptop Computers
Tablet PCs
Networking Systems
Personal Video Recorders
Flat Panel Television and Monitors
Distributed Power Systems
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive. For
MPS green status, please visit the MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
EN
VOUT
BST
LDO
VIN
PG
SW
GND
VIN
GND
ENLDO
NB679
PGND
VOUT
5 V/8 A
VCC
22 μF
220 nF
1μF
100 kΩ
1.5 μH
88 μF
4.7 μF
AGND
3.3 Ω
5.5 V-24 V
EN
5 V/ 100
mA
ENLDO


Similar Part No. - NB679GD

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
NB679GD MPS-NB679GD Datasheet
1Mb / 19P
28V, Low IQ, Fixed 5.1V, 8A, Synchronous Buck Converter with 100mA LDO and LP# VOUT Scaling
Rev. 1.03 7/27/2017
More results

Similar Description - NB679GD

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
NB669 MPS-NB669 Datasheet
827Kb / 19P
24V, High Current Synchronous Buck Converter With LDO
NB670 MPS-NB670 Datasheet
705Kb / 19P
24V, High Current Synchronous Buck Converter With LDO
MP8719 MPS-MP8719 Datasheet
1Mb / 22P
26V, 12A, Low IQ, High-Current, Synchronous Buck Converter with (-)1A LDO and Buffered Reference
MP8759 MPS-MP8759 Datasheet
706Kb / 22P
26V, 8A, Low IQ, High-Current, Synchronous, Step-Down Converter
EV8756-D-00A MPS-EV8756-D-00A Datasheet
975Kb / 7P
26V, 6A High Current, Low IQ Synchronous Buck Converter
EV8759-D-00A MPS-EV8759-D-00A Datasheet
473Kb / 7P
26V, 8A High Current, Low IQ Synchronous Buck Converter
EVNB679 MPS-EVNB679 Datasheet
249Kb / 5P
26V, Low Iq, High Current, Fixed 5.5V-8A Synchronous Buck Converter with 100mA LDO
logo
Richtek Technology Corp...
RT6258D RICHTEK-RT6258D Datasheet
342Kb / 20P
8A, 23V Synchronous Step-Down Converter with 5V LDO
RT6318B RICHTEK-RT6318B Datasheet
399Kb / 25P
8A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
December 2021
RT6258B RICHTEK-RT6258B Datasheet
402Kb / 24P
8A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
November 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com